Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMC2004LPK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMC2004LPK
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2004LPK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMC2004LPK_15 Datasheet HTML 1Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 2Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 3Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 4Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 5Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 6Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 7Page - Diodes Incorporated DMC2004LPK_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMC2004LPK
Document number: DS30854 Rev. 7 - 2
2 of 8
www.diodes.com
February 2013
© Diodes Incorporated
DMC2004LPK
Maximum Ratings N-CHANNEL – Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 5)
TA = +25°C
TA = +85°C
ID
750
540
mA
Maximum Ratings P-CHANNEL – Q2 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Drain Current (Note 5)
TA = +25°C
TA = +85°C
ID
-600
-430
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics N-CHANNEL – Q1 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
± 1
µA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
0.5
1.0
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
0.4
0.5
0.7
0.55
0.70
0.90
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
mS
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 6)
VSD
0.5
1.2
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
25
pF
Reverse Transfer Capacitance
Crss
20
pF
Electrical Characteristics P-CHANNEL – Q2 (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 6)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current
IDSS
-1.0
µA
VDS = -20V, VGS = 0V
Gate-Source Leakage
IGSS
± 1.0
µA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 6)
Gate Threshold Voltage
VGS(th)
-0.5
-1.0
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS (ON)
0.7
1.1
1.7
0.9
1.4
2.0
VGS = -4.5V, ID = -430mA
VGS = -2.5V, ID = -300mA
VGS = -1.8V, ID = -150mA
Forward Transfer Admittance
|Yfs|
200
mS
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 5)
VSD
-0.5
-1.2
V
VGS = 0V, IS = -115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
175
pF
VDS = -16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
30
pF
Reverse Transfer Capacitance
Crss
20
pF
Notes:
5. Device mounted on FR-4 PCB.
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMC2004LPK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2004LPK-7 DIODES-DMC2004LPK-7 Datasheet
365Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMC2004LPK_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC2004VK DIODES-DMC2004VK_15 Datasheet
371Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004LPK DIODES-DMC2004LPK Datasheet
365Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMC2004DWK DIODES-DMC2004DWK Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS8402DW DIODES-BSS8402DW Datasheet
138Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 4 - 2
DMC2004VK DIODES-DMC2004VK Datasheet
369Kb / 7P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Shenzhen Luguang Electr...
BSS8402DW LUGUANG-BSS8402DW Datasheet
882Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS8402DW DIODES-BSS8402DW_08 Datasheet
179Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 12 - 2
DMC2004DWK DIODES-DMC2004DWK_15 Datasheet
358Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
BSS8402DW DIODES-BSS8402DW_1 Datasheet
570Kb / 5P
   COMPLEMENTARY PAIR ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30380 Rev. 8 - 2
logo
Shenzhen Huazhimei Semi...
BSS8402DW HMSEMI-BSS8402DW Datasheet
315Kb / 6P
   Complementary Pair Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com