Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXE-2022Z Datasheet(PDF) 1 Page - RF Micro Devices

Part No. CXE-2022Z
Description  50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

CXE-2022Z Datasheet(HTML) 1 Page - RF Micro Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
CXE-2022Z
50MHz to 1000MHz MMIC 75
LOW NOISE AMPLIFIER
RFMD’s CXE-2022Z is a 75
 high performance low noise pHEMT MMIC amplifier utilizing a self
bias network. The CXE-2022Z is designed to run over a wide 2.7V to 3.3V single supply voltage
and does not require a bias resistor as compared to typical Darlington amplifiers.
The CXE-2022Z was developed for low noise, portable, linear gain block consumer applications
which require small size, low current, and a few external components. The part is internally
matched to 75
 and designed to operate over the 50MHz to 1000MHz bandwidth.
CXE-2022Z Gain
14
15
16
17
18
19
20
470
520
570
620
670
720
770
820
870
Freq (MHz)
Low Noise Figure: 1.2dB
Flat Gain Response: 17.5dB
± 0.15dB
High Linearity IIP3: 0dBm
Single Supply: 2.7V to 3.3V
Low Current: 20mA
Applications
DVB/T Recievers/Antennas
DMB-T Receivers/Antennas
PCTV and Other Portable
Devices
DS101122
Package: 2x2 DFN
CXE-2022Z
50MHz to
1000MHz
MMIC 75
Low Noise
Amplifier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
16.5
17.5
dB
500MHz
Gain Flatness
+/-.15
dB
470MHz to 860MHz
Output Power at 1dB Compression
1.3
dBm
500MHz
Input Third Order Intercept Point
0
dBm
500MHz
Input Second Order Intercept Point
10
dBm
500MHz
Input Return Loss
-13.5
dB
50MHz to 860MHz
Output Return Loss
-10
dB
50MHz to 860MHz
Noise Figure
1.2
1.5
dB
500MHz
Device Operating Voltage
2.7
3.6
V
Device Operating Current
17
20
mA
Test Conditions: VP=3.3V, ID=20mA Typ, IIP3, IIP2 Tone Spacing= 1MHz, POUT per tone=-10dBm, TL=25°C, ZS=ZL=75, Tested with App Circuit


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn