Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXE-2022Z Datasheet(PDF) 2 Page - RF Micro Devices

Part No. CXE-2022Z
Description  50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

CXE-2022Z Datasheet(HTML) 2 Page - RF Micro Devices

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS101122
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CXE-2022Z
Typical Application Circuit Performance
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)35
mA
Device Voltage (VD)3.6
V
Power Dissipation
125
mW
Junction Temperature (TJ)+150
°C
Operating Temperature Range (TL)
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
ESD Rating - Human Body Model
Class 0
Moisture Sensitivity Level
MSL 1
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
Frequency Response
Application Circuit #1
14.0
15.0
16.0
17.0
18.0
19.0
20.0
0
100
200 300
400 500 600
700 800
900 1000
Freq (MHz)
Frequency Response
Application Circuit #2
9.0
10.0
11.0
12.0
13.0
14.0
15.0
0
100
200 300
400 500 600
700 800
900 1000
Freq (MHz)
Return Loss
Application Circuit #1
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0
100 200 300 400 500 600 700 800 900 1000
Freq (MHz)
Input
Output
Return Loss
Application Circuit #2
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0
100 200 300 400 500 600 700 800 900 1000
Freq (MHz)
Input
Output


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn