Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA7718ZTR13 Datasheet(PDF) 8 Page - RF Micro Devices

Part # CGA7718ZTR13
Description  PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA7718ZTR13 Datasheet(HTML) 8 Page - RF Micro Devices

  CGA7718ZTR13 Datasheet HTML 1Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 2Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 3Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 4Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 5Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 6Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 7Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8 of 8
DS121030
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-7718Z
Ordering Information
Part Number
Description
Reel Size (in.)
Devices/Reel
CGA7718ZSB
5pcs Sample Bag
NA
NA
CGA7718ZSQ
25pcs Sample Bag
NA
NA
CGA7718ZSR
Lead Free, RoHS Compliant
7
100
CGA7718ZTR7
Lead Free, RoHS Compliant
7
750
CGA7718ZTR13
Lead Free, RoHS Compliant
13
2500
CGA7718PCBA-410
50MHz to 1000 MHz Evaluation Board
NA
NA


Similar Part No. - CGA7718ZTR13

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA7F1C0G3F100F085KA TDK-CGA7F1C0G3F100F085KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7F1C0G3F120K085KA TDK-CGA7F1C0G3F120K085KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F150K110KA TDK-CGA7G1C0G3F150K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F180K110KA TDK-CGA7G1C0G3F180K110KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F220K110KA TDK-CGA7G1C0G3F220K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
More results

Similar Description - CGA7718ZTR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
CGR-0218Z RFMD-CGR-0218Z Datasheet
452Kb / 8P
   PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com