Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA7718ZTR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # CGA7718ZTR13
Description  PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CGA7718ZTR13 Datasheet(HTML) 6 Page - RF Micro Devices

  CGA7718ZTR13 Datasheet HTML 1Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 2Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 3Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 4Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 5Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 6Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 7Page - RF Micro Devices CGA7718ZTR13 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 of 8
DS121030
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CGA-7718Z
Pin Out
Part Identification
Pin
Function
Description
1RF IN
RF input pin. External DC-blocking capacitor is required.
2, 3,
6, 7
GND
Connection to ground. Use via holes for best performance to reduce lead inductance as close to ground leads as
possible.
4RF IN
Same as pin 1.
5RF OUT/VCC RF output and bias pin (open collector).
8RF OUT/VCC Same as pin 5.
EPAD
GND
Exposed area on the bottom side of the package must be soldered to the ground plane of the board for optimum
thermal and RF performance. Several vias should be located under the EPAD as shown in the recommended
land pattern.
1
2
3
4
8
7
6
5
Amplifier Configuration


Similar Part No. - CGA7718ZTR13

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA7F1C0G3F100F085KA TDK-CGA7F1C0G3F100F085KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7F1C0G3F120K085KA TDK-CGA7F1C0G3F120K085KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F150K110KA TDK-CGA7G1C0G3F150K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F180K110KA TDK-CGA7G1C0G3F180K110KA Datasheet
130Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
CGA7G1C0G3F220K110KA TDK-CGA7G1C0G3F220K110KA Datasheet
131Kb / 1P
   Automotive Grade ( High Voltage (1000V and over) )
More results

Similar Description - CGA7718ZTR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
CGR-0218Z RFMD-CGR-0218Z Datasheet
452Kb / 8P
   PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com