Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE-1089Z Datasheet(PDF) 11 Page - RF Micro Devices

Part # CXE-1089Z
Description  50MHz to 1200MHz 75廓 pHEMT MMIC LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

CXE-1089Z Datasheet(HTML) 11 Page - RF Micro Devices

Back Button CXE-1089Z_10 Datasheet HTML 4Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 5Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 6Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 7Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 8Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 9Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 10Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 11Page - RF Micro Devices CXE-1089Z_10 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
DS100917
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
CXE-1089Z
Package Marking
Alternate marking “CXE1089Z” on line one with Trace Code on line two.
Recommended Land Pattern Drawings
Dimensions shown in inches [mm]
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
Pin
Function
Description
1RFIN
RF input pin. This pin requires the use of an external DC blocking capacitor chosen for the frequency of operation.
2, 4
GND
Connection to ground. Use via holes as close as possible to the ground leads to minimize inductance.
3RFOUT/BIAS RF output and bias pin. DC voltage is present on this pin, therefore a DC blocking capacitor is necessary for proper oper-
ation.
CX1Z
4


Similar Part No. - CXE-1089Z_10

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z-EVB1 RFMD-CXE-1089Z-EVB1 Datasheet
397Kb / 10P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
More results

Similar Description - CXE-1089Z_10

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z Datasheet
397Kb / 10P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Qorvo, Inc
RFCA3828 QORVO-RFCA3828 Datasheet
1Mb / 12P
   75 High Linearity pHEMT MMIC Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com