Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DR65-0008 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. DR65-0008
Description  Quad Positive Voltage Driver for GaAs FET Switches and Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

DR65-0008 Datasheet(HTML) 1 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Quad Positive Voltage Driver for GaAs FET
Switches and Attenuators
SO-16
V 2.00
Features
n
High Speed CMOS Technology
n
Complementary Positive Voltage Outputs for driving
series and shunt FETS
n
TTL Inputs
n
Low Power Dissipation
n
Plastic SOIC Package for SMT Applications
n
Tape and Reel Packaging Available
n
Low Output Impedance for Driving Capacitive Circuits
Description
M/A-COM's DR65-0008 is a Quad channel driver used
to translate TTL control inputs into gate voltages for
Positive Voltage, GaAs FET microwave switches and
attenuators. High speed analog CMOS technology is
utilized to achieve low power dissipation at moderate to
high speeds, encompassing most microwave switching
applications.
Package outline conforms to JEDEC standard MS-012AC
Guaranteed Operating Ranges
Parameter
Test Conditions
1
Units
Min
Typ
Max
VCC
Positive DC Supply Voltage
V
4.5
5.0
5.5
TA
Operating Ambient Temperature
°C
-40
+25
+85
IOH
DC Output Current - Source
mA
30
IOL
DC Output Current - Sink
mA
-30
Trise, Tfall
Maximum Input Rise or Fall Time
nS
500
1. All voltages are relative to GND
Absolute Maximum Ratings
Parameter
Absolute Maximum
VCC
- .5V to + 6.0 V
V IN
2
- .5V to VCC + .5 V
V OUT
0.0V to Vcc
Storage Temperature
-65°C to +150°C
Truth Table
Input
CX
AX
BX
0
GND
VCC
1
VCC
GND
Outputs
2. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DR65-0001Quad Driver for GaAs FET Switches and Attenuators 1 2 Tyco Electronics
DR65-0109Single Driver for GaAs FET Switches and Attenuators 1 2 Tyco Electronics
BC846W-BC850WNPN Silicon AF Transistor For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
MM908E622Integrated Quad Half-Bridge Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror 1 2 3 4 5 MoreFreescale Semiconductor, Inc
BAR64-02WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BC847PNNPN/PNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BAR64-WSilicon PIN Diode High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz 1 2 3 4 Siemens Semiconductor Group
BC856-BC860PNP Silicon AF Transistors For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
BC856SPNP Silicon AF Transistor Array For AF input stages and driver applications High current gain Low collector-emitter saturation voltage 1 2 3 4 5 MoreSiemens Semiconductor Group
SC28L194Quad UART for 3.3V and 5V supply voltage 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn