Electronic Components Datasheet Search |
|
DR65-0002TR Datasheet(PDF) 1 Page - Tyco Electronics |
|
DR65-0002TR Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 2 page Linear Driver for PIN Diode Attenuators SOW-16 V 4.00 Features n Linearizes PIN Diode Attenuators Over a Wide Attenuation Range n Output Currents up to 12 mA n Operates with a Single Supply Voltage of +3V to +12V n Low Quiescent Currents n Single Control Voltage n SOW-16, Wide Body Plastic Package n Test Boards are Available n Tape and Reel Packaging Available Description M/A-COM's DR65-0002 is a break point free driver that produces a logarithmic output current suitable for linearizing PIN diode based shunt attenuators. This driver, in conjunction with customer defined external components, produces a linear transfer function (dB/V) between the input control voltage of the driver and the attenuation output of the PIN attenuator. The DR65-0002 has been optimized for linearizing M/A-COM’s AT10-0009 or AT10-0017 attenuators, but will function well with most types of cathode grounded, PIN attenuators. The driver is packaged in a SOW-16 package for commercial SMT applications. A typical schematic for a 30 dB, 7.5 dB/V linear attenuator is shown in Figure 1. Circuit Description: (Reference Figures 1 and 2) The input divider, R1 and the sum of R2 and R3, sets the overall transfer function of the circuit. To increase the transfer function, decrease the Control Voltage and the value of R1. Varying the value of R4 will optimize the linearity of the circuit. One can achieve a very linear transfer function (<± 1 dB/V) by driving the attenuator over a smaller portion of its dynamic range. In the case of the AT10-0009 and AT10-0017 attenuators, this would be limited to a dynamic range of 28 and 25 dB, respectively. Temperature compensation is a function temperature coefficient of the thermistor, R3, and the ratio of R2 to R3, and can only be optimized once the transfer function and linearity component values have been established. Package outline conforms to JEDEC standard MS-013AA Figure 1 DR65-0002 IN REF 3 R2 680 R3 (PTCT) 330 R1 39K Vcontrol (0 to 4V) 5 4 ATTENNUATOR 12 +Vcc R4 360 C1 .01 µF 14 7 2 10 1,3,4 5,6,8 9,11,12 16,14,13 NOTES: TRANSFER FUNCTION IS 7.5 dB/V Vcontrol IS 0V to 4.0V +Vcc IS 5.0V ± 5% R3 IS A POSITIVE TEMPERATURE COEFFICIENT THERMISTOR ATTENUATOR IS AT10-0009 OR AT10-0017 SCHEMATIC LINEAR ATTENUATOR RFin RFoutput |
Similar Part No. - DR65-0002TR |
|
Similar Description - DR65-0002TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |