Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M306V2ME Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M306V2ME
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M306V2ME Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M306V2ME Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M306V2ME Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 276 page
background image
1. DESCRIPTION
The M306V2ME-XXXFP and M306V2EEFP are single-chip microcomputers using the high-performance
silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 100-pin plastic
molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high
level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at
high speed. They also feature a built-in OSD display function and data slicer, making them ideal for control-
ling TV with a closed caption decoder.
The features of the M306V2EEFP are similar to those of the M306V2ME-XXXFP except that this chip has
a built-in PROM which can be written electrically.
1.1 Features
• Memory size ........................................ <ROM>192K bytes
<RAM> 5K bytes
<OSD ROM> 61K bytes
<OSD RAM> 2.2K bytes
• Shortest instruction execution time ...... 100 ns (f(XIN)=10 MHz)
• Power sourse voltage .......................... 4.5 V to 5.5V
• Power consumption ............................. 250 mW
• Interrupts .............................................. 21 internal and 3 external interrupt sources, 4 software
interrupt sources; 7 levels
• Multifunction 16-bit timer ...................... 2 output timers + 3 input timers + 3 timers
• Serial I/O .............................................. 3 units
UART/clock synchronous: 2
Multi-master I2C-BUS interface 0 (2 systems): 1
Multi-master I2C-BUS interface 1 (1 system): 1
• DMAC .................................................. 2 channels (trigger: 23 sources)
• A-D converter ....................................... 8 bits ! 6 channels
• D-A converter ....................................... 8 bits ! 2 channels
• Data slicer ............................................ 1 circuit
• HSYNC counter ..................................... 1 circuit (2 systems)
• OSD function ....................................... 1 circuit
• Watchdog timer .................................... 1 circuit
• Programmable I/O ............................... 78 lines
• Memory expansion .............................. Available
• Chip select output ................................ 4 lines
• Clock generating circuit ....................... 3 built-in clock generation circuits
1.2 Applications
TV with a closed caption decoder
MITSUBISHI MICROCOMPUTERS
M306V2ME-XXXFP
M306V2EEFP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
1
Rev. 1.0


Similar Part No. - M306V2ME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M306V2ME

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M306V5ME MITSUBISHI-M306V5ME Datasheet
1Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER?
M306V5ME-XXXSP MITSUBISHI-M306V5ME-XXXSP Datasheet
2Mb / 262P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
6V7 RENESAS-6V7 Datasheet
2Mb / 298P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M306V0ME MITSUBISHI-M306V0ME Datasheet
2Mb / 256P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M306V5ME-XXXSP RENESAS-M306V5ME-XXXSP Datasheet
2Mb / 263P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V2ME-XXXFP RENESAS-M306V2ME-XXXFP Datasheet
2Mb / 271P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M306V7MG RENESAS-M306V7MG_15 Datasheet
2Mb / 300P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com