Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP52-0005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # DP52-0005
Description  Low Cost SMT Dual Band Diplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DP52-0005 Datasheet(HTML) 2 Page - Tyco Electronics

  DP52-0005 Datasheet HTML 1Page - Tyco Electronics DP52-0005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Insertion Loss vs Frequency
-30
-25
-20
-15
-10
-5
0
0
300 600 900 1200 1500 1800 2100 2400 2700
AMPS/GSM
PCS/DCS
Antenna
VSWR vs Frequency
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
AMPS/GSM
PCS/DCS
Antenna
Typical Performance @ +25°C
Functional Diagram
Recommended PCB Configuration
Absolute Maximum Ratings
1
Low Cost SMT Dual Band Deplexer
DP52-0005
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V2.01
Parameter
Absolute Maximum
Input Power
2 W CW
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
1.
Exceeding these limits may cause permanent damage.


Similar Part No. - DP52-0005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
DP52-0005-TR MACOM-DP52-0005-TR Datasheet
223Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
logo
M/A-COM Technology Solu...
DP52-0005-TR MA-COM-DP52-0005-TR Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0005SAM MA-COM-DP52-0005SAM Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
DP52-0005 MACOM-DP52-0005_1 Datasheet
223Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
More results

Similar Description - DP52-0005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DP52-0002 MACOM-DP52-0002 Datasheet
142Kb / 2P
   Low Cost SMT Dual Band Diplexer
logo
M/A-COM Technology Solu...
MAFLCC0003 MA-COM-MAFLCC0003 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0002 MA-COM-DP52-0002 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
DP52-0005 MA-COM-DP52-0005 Datasheet
80Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
Tyco Electronics
MAFLCC0001 MACOM-MAFLCC0001 Datasheet
288Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
MAFLCC0003 MACOM-MAFLCC0003 Datasheet
209Kb / 3P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
M/A-COM Technology Solu...
MAFLCC0001 MA-COM-MAFLCC0001 Datasheet
82Kb / 4P
   Low Cost SMT Dual Band Diplexer AMPS/PCS and GSM/DCS
logo
List of Unclassifed Man...
AM119 ETC-AM119 Datasheet
161Kb / 3P
   Dual-Band WLAN Dual Diplexer
logo
Tyco Electronics
DP52-0005 MACOM-DP52-0005_1 Datasheet
223Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
DP52-0002 MACOM-DP52-0002_1 Datasheet
264Kb / 2P
   Low Cost SMT Dual Band Diplexer, 824-960/1850-1990 MHz(AMPS/PCS), 880-960/1700-1900 MHz(GSM/DCS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com