Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU18UC3WG-TL Datasheet(PDF) 1 Page - Rohm

Part # BU18UC3WG-TL
Description  High accuracy detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU18UC3WG-TL Datasheet(HTML) 1 Page - Rohm

  BU18UC3WG-TL Datasheet HTML 1Page - Rohm BU18UC3WG-TL Datasheet HTML 2Page - Rohm BU18UC3WG-TL Datasheet HTML 3Page - Rohm BU18UC3WG-TL Datasheet HTML 4Page - Rohm BU18UC3WG-TL Datasheet HTML 5Page - Rohm BU18UC3WG-TL Datasheet HTML 6Page - Rohm BU18UC3WG-TL Datasheet HTML 7Page - Rohm BU18UC3WG-TL Datasheet HTML 8Page - Rohm BU18UC3WG-TL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Datasheet
Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
TSZ02201-0RBR0A300110-1-2
1/23
29.Jan.2015 Rev.005
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
CMOS LDO Regulator Series for Portable Equipments
Versatile Package
FULL CMOS LDO Regulator
BUxxUC3WG series
●General Description
BUxxUC3WG series is high-performance FULL CMOS
regulator with 300-mA output, which is mounted on
versatile package SSOP5 (2.9 mm
 2.8 mm  1.25 mm).
It
has
excellent
noise
characteristics
and
load
responsiveness characteristics despite its low circuit
current consumption of 50
A. It is most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules ROHM’s.
●Features
High accuracy detection
low current consumption
Compatible with small ceramic capacitor (Cin=Co=1.0uF)
With built-in output discharge circuit
High ripple rejection
ON/OFF control of output voltage
With built-in over current protection circuit
and thermal shutdown circuit
Package SSOP5 is similar to SOT-23-5 (JEDEC)
Low dropout voltage
●Typical Application Circuit
●Key Specifications
Output voltage:
1.0V to 3.3V
Accuracy output voltage:
±1.0% (±25mV)
Low current consumption:
50μA
Operating temperature range:
-40°C to +85°C
●Applications
Battery-powered portable equipment, etc.
●Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
Figure 1. Application Circuit
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN


Similar Part No. - BU18UC3WG-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18UA3WNVX-TL ROHM-BU18UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTL ROHM-BU18UB3WG-GTL Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18UB3WG-GTR ROHM-BU18UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
More results

Similar Description - BU18UC3WG-TL

ManufacturerPart #DatasheetDescription
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Hamamatsu Corporation
C12137 HAMAMATSU-C12137_15 Datasheet
1Mb / 9P
   High accuracy, high sensitivity, compact radiation detection module
logo
ALPS ELECTRIC CO.,LTD.
RD7 ALPS-RD7_15 Datasheet
987Kb / 5P
   Exclusive for headlight angle detection with high accuracy and space-saving design
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
   High-accuracy measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com