Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTUX87_15 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTUX87_15
Description  HIGH VOLTAGE NPN SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTUX87
SURFACE MOUNT
HIGH VOLTAGE
NPN SILICON POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTUX87 type
is a NPN Silicon Power Transistor epoxy molded in
a surface mount package, designed for high voltage
switching applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCEV
900
V
Collector-Emitter Voltage
VCEO
450
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
0.5
A
Peak Collector Current
ICM
1.0
A
Continuous Base Current
IB
1.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICEV
VCE=900V, VBE=1.5V
100
µA
ICEV
VCE=900V, VBE=1.5V, TA=125°C
1.0
mA
IEBO
VEB=5.0V
1.0
mA
BVCEO
IC=30mA
450
V
VCE(SAT)
IC=100mA, IB=10mA
0.8
V
VCE(SAT)
IC=200mA, IB=20mA
1.0
V
VBE(SAT)
IC=200mA, IB=20mA
1.0
V
hFE
VCE=5.0V, IC=40mA
12
fT
VCE=10V, IC=50mA, f=1.0MHz
20
MHz
ts
VCC=250V, IC=200mA, IB1=40mA, IB2=80mA
4.5
µs
tf
VCC=250V, IC=200mA, IB1=40mA, IB2=80mA
0.5
µs
SOT-223 CASE
SOT-223 CASE
R3 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl