Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2668 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2668
Description  16-Channel 16-/12-Bit 10V VOUT SoftSpan DACs with 10ppm/C Max Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2668 Datasheet(HTML) 3 Page - Linear Technology

  LTC2668_15 Datasheet HTML 1Page - Linear Technology LTC2668_15 Datasheet HTML 2Page - Linear Technology LTC2668_15 Datasheet HTML 3Page - Linear Technology LTC2668_15 Datasheet HTML 4Page - Linear Technology LTC2668_15 Datasheet HTML 5Page - Linear Technology LTC2668_15 Datasheet HTML 6Page - Linear Technology LTC2668_15 Datasheet HTML 7Page - Linear Technology LTC2668_15 Datasheet HTML 8Page - Linear Technology LTC2668_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC2668
3
2668fa
For more information www.linear.com/LTC2668
proDuct selection guiDe
orDer inFormation
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2668CUJ-16#PBF
LTC2668CUJ-16#TRPBF
LTC2668UJ-16
40-Lead (6mm × 6mm) QFN
0°C to 70°C
LTC2668IUJ-16#PBF
LTC2668IUJ-16#TRPBF
LTC2668UJ-16
40-Lead (6mm × 6mm) QFN
–40°C to 85°C
LTC2668HUJ-16#PBF
LTC2668HUJ-16#TRPBF
LTC2668UJ-16
40-Lead (6mm × 6mm) QFN
–40°C to 125°C
LTC2668CUJ-12#PBF
LTC2668CUJ-12#TRPBF
LTC2668UJ-12
40-Lead (6mm × 6mm) QFN
0°C to 70°C
LTC2668IUJ-12#PBF
LTC2668IUJ-12#TRPBF
LTC2668UJ-12
40-Lead (6mm × 6mm) QFN
–40°C to 85°C
LTC2668HUJ-12#PBF
LTC2668HUJ-12#TRPBF
LTC2668UJ-12
40-Lead (6mm × 6mm) QFN
–40°C to 125°C
LTC2668
C
UJ
16
#TR PBF
LEAD FREE DESIGNATOR
PBF = Lead Free
TAPE AND REEL
TR = 2000-Piece Tape and Reel
RESOLUTION
16 = 16-Bit
12 = 12-Bit
PACKAGE TYPE
UJ = 40-Lead QFN
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
PRODUCT PART NUMBER
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2668_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2668 LINER-LTC2668 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2668 LINER-LTC2668 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2668 LINER-LTC2668 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2668 LINER-LTC2668 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2668 LINER-LTC2668 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2668_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2668 LINER-LTC2668 Datasheet
594Kb / 28P
   16-Channel 16-/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Linear Dimensions Semic...
DC2196A LINEAR_DIMENSIONS-DC2196A Datasheet
335Kb / 8P
   8-Channel 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
logo
Linear Technology
LTC2664 LINER-LTC2664 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2666 LINER-LTC2666 Datasheet
1Mb / 28P
   Octal 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com