Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2488 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2488
Description  16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2488 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2488_15 Datasheet HTML 4Page - Linear Technology LTC2488_15 Datasheet HTML 5Page - Linear Technology LTC2488_15 Datasheet HTML 6Page - Linear Technology LTC2488_15 Datasheet HTML 7Page - Linear Technology LTC2488_15 Datasheet HTML 8Page - Linear Technology LTC2488_15 Datasheet HTML 9Page - Linear Technology LTC2488_15 Datasheet HTML 10Page - Linear Technology LTC2488_15 Datasheet HTML 11Page - Linear Technology LTC2488_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC2488
8
2488fb
For more information www.linear.com/LTC2488
PIN FUNCTIONS
FO(Pin1):FrequencyControlPin.Digitalinputthatcontrols
theinternalconversionclockrate.WhenFOisconnectedto
ground, the converter uses its internal oscillator running
at 307.2kHz. The conversion clock may also be overridden
by driving the FO pin with an external clock in order to
change the output rate and the digital filter rejection null.
SDI (Pin 2): Serial Data Input. This pin is used to select
the input channel. The serial data input is applied under
control of the serial clock (SCK) during the data output/
input operation. The first conversion following a new input
is valid.
SCK(Pin3):Bidirectional,DigitalI/O,ClockPin.InInternal
Serial Clock Operation mode, SCK is generated internally
and is seen as an output on the SCK pin. In External Serial
Clock Operation mode, the digital I/O clock is externally
applied to the SCK pin. The Serial Clock operation mode
is determined by the logic level applied to the SCK pin at
power up and during the most recent falling edge of CS.
CS(Pin4):ActiveLOWChipSelect.ALOWonthispinenables
the digital input/output and wakes up the ADC. Following
each conversion, the ADC automatically enters the Sleep
mode and remains in this low power state as long as CS
is HIGH. A LOW-to-HIGH transition on CS during the data
output aborts the data transfer and starts a new conversion.
SDO (Pin 5): Three-State Digital Output. During the data
output period, this pin is used as the serial data output.
When the chip select pin is HIGH, the SDO pin is in a high
impedancestate.Duringtheconversionandsleepperiods,
this pin is used as the conversion status output. When
the conversion is in progress this pin is HIGH; once the
conversion is complete SDO goes low. The conversion
status is monitored by pulling CS LOW.
GND(Pin6):Ground.Connectthispintoacommonground
plane through a low impedance connection.
COM (Pin 7): The common negative input (IN) for all
single ended multiplexer configurations. The voltage on
CH0 to CH3 and COM pins can have any value between
GND – 0.3V to VCC + 0.3V. Within these limits, the two
selected inputs (IN+ and IN) provide a bipolar input range
(VIN = IN+ – IN) from –0.5 • VREF to 0.5 • VREF. Outside
thisinputrange,theconverterproducesuniqueover-range
and under-range output codes.
CH0 to CH3 (Pins 8-11): Analog Inputs. May be pro-
grammed for single-ended or differential mode.
VCC(Pin12):PositiveSupplyVoltage.BypasstoGNDwith
a 10µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor as close to the part as possible.
REF+(Pin13),REF(Pin14):DifferentialReferenceInput.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input, REF+,
remains more positive than the negative reference input,
REF, by at least 0.1V. The differential voltage (VREF =
REF+ – REF) sets the fullscale range for all input channels.
Exposed Pad (Pin 15): Ground. This pin is ground and
mustbesolderedtothePCBgroundplane.Forprototyping
purposes, this pin may remain floating.


Similar Part No. - LTC2488_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2488CDE LINER-LTC2488CDE Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2488IDE LINER-LTC2488IDE Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2488_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486_15 Datasheet
495Kb / 36P
   16-Bit 2-/4-Channel ADC with PGA and Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2489 LINER-LTC2489_15 Datasheet
383Kb / 26P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2489 LINER-LTC2489 Datasheet
328Kb / 24P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com