Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD16922EFV-M Datasheet(PDF) 5 Page - Rohm

Part # BD16922EFV-M
Description  AEC-Q100 Qualified
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD16922EFV-M Datasheet(HTML) 5 Page - Rohm

  BD16922EFV-M Datasheet HTML 1Page - Rohm BD16922EFV-M Datasheet HTML 2Page - Rohm BD16922EFV-M Datasheet HTML 3Page - Rohm BD16922EFV-M Datasheet HTML 4Page - Rohm BD16922EFV-M Datasheet HTML 5Page - Rohm BD16922EFV-M Datasheet HTML 6Page - Rohm BD16922EFV-M Datasheet HTML 7Page - Rohm BD16922EFV-M Datasheet HTML 8Page - Rohm BD16922EFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5/27
TSZ02201-0G1G0B300330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.May.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD16922EFV-M
Typical Performance Curves (Reference Data)
(Unless otherwise specified VCC = 8V to 36V, Ta = -40°C to +110°C)
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
Supply Voltage VCC[V]
Figure 4. Circuit Current vs Supply Voltage
(Circuit Current 1 ICC1, VCC=0V to 60V,
VIN=0V (Stand-By Mode))
0
1
2
3
4
5
6
7
8
5
10
15
20
25
30
35
40
Supply Voltage VCC[V]
Figure 6. Circuit Current vs Supply Voltage
(Circuit Current 2 ICC2,
CH1 : VIN=5.0V (Brake Mode),
CH2 : VIN=0V (Stand-By Mode))
Ta=25°C
Ta=-40°C
Ta=110°C
Ta=110°C
Ta=-40°C
Ta=25°C
0
1
2
3
4
5
6
7
8
-50
0
50
100
150
Temperature Ta[°C]
Figure 7. Circuit Current vs Temperature
(Circuit Current 2 ICC2,
CH1 : VIN=5.0V (Brake Mode),
CH2 : VIN=0V (Stand-By Mode))
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
Temperature Ta[°C]
Figure 5. Circuit Current vs Temperature
(Circuit Current 1 ICC1,
VIN=0V (Stand-By Mode))
VCC=12V
VCC=8V
VCC=36V
VCC=12V
VCC=8V
VCC=36V


Similar Part No. - BD16922EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
More results

Similar Description - BD16922EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com