Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD16922EFV-M Datasheet(PDF) 10 Page - Rohm

Part # BD16922EFV-M
Description  AEC-Q100 Qualified
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD16922EFV-M Datasheet(HTML) 10 Page - Rohm

Back Button BD16922EFV-M Datasheet HTML 6Page - Rohm BD16922EFV-M Datasheet HTML 7Page - Rohm BD16922EFV-M Datasheet HTML 8Page - Rohm BD16922EFV-M Datasheet HTML 9Page - Rohm BD16922EFV-M Datasheet HTML 10Page - Rohm BD16922EFV-M Datasheet HTML 11Page - Rohm BD16922EFV-M Datasheet HTML 12Page - Rohm BD16922EFV-M Datasheet HTML 13Page - Rohm BD16922EFV-M Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10/27
TSZ02201-0G1G0B300330-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
29.May.2015 Rev.002
www.rohm.com
TSZ22111・15・001
BD16922EFV-M
Typical Performance Curves (Reference Data)
- continued
(Unless otherwise specified VCC = 8V to 36V, Ta = -40°C to +110°C)
0.0
0.5
1.0
1.5
2.0
2.5
5
10
15
20
25
30
35
40
Supply Voltage VCC[V]
Figure 23. Output On Resistance vs Supply Voltage
(Output ON Resistance High Side, IO=0.8A)
0.0
0.3
0.6
0.9
1.2
1.5
-50
0
50
100
150
Temperature Ta[°C]
Figure 26. Output On Resistance vs Output Current
(Output ON Resistance Low Side, IO=0.8A)
Ta=25°C
Ta=-40°C
Ta=110°C
0.0
0.3
0.6
0.9
1.2
1.5
5
10
15
20
25
30
35
40
Supply Voltage VCC[V]
Figure 25. Output On Resistance vs Supply Voltage
(Output ON Resistance Low Side, IO=0.8A)
Ta=25°C
Ta=-40°C
Ta=110°C
VCC=8V
VCC=36V
VCC=12V
0.0
0.5
1.0
1.5
2.0
2.5
-50
0
50
100
150
Temperature Ta[°C]
Figure 24. Output On Resistance vs Temperature
(Output ON Resistance High Side, IO=0.8A)
VCC=8V
VCC=36V
VCC=12V


Similar Part No. - BD16922EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
BD16922EFV-M ROHM-BD16922EFV-M_15 Datasheet
1Mb / 31P
   Automotive 2ch 60V Max, H-bridge Drivers
More results

Similar Description - BD16922EFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com