Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1103F1-L1 Datasheet(PDF) 9 Page - New Japan Radio

Part # NJG1103F1-L1
Description  1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1103F1-L1 Datasheet(HTML) 9 Page - New Japan Radio

Back Button NJG1103F1-L1 Datasheet HTML 5Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 6Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 7Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 8Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 9Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 10Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 11Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 12Page - New Japan Radio NJG1103F1-L1 Datasheet HTML 13Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NJG1103F1
- 9 -
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
S21 vs. frequency(~20GHz)
frequency(GHz)
(V
DD
=2.7V,I
DD
=3.0mA)
nTYPICAL CHARACTERISTICS
(1.9GHz Band)
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
2
4
6
8
10
12
14
16
18
20
S12 vs. frequency(~20GHz)
frequency(GHz)
(V
DD
=2.7V,I
DD
=3.0mA)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
S11 vs. frequency(~20GHz)
frequency(GHz)
(V
DD
=2.7V,I
DD
=3.0mA)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
2
4
6
8
10
12
14
16
18
20
S22 vs. frequency(~20GHz)
frequency(GHz)
(V
DD
=2.7V,I
DD
=3.0mA)


Similar Part No. - NJG1103F1-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1-L1 NJRC-NJG1103F1-L1 Datasheet
139Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1103F1-L1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
   1.5?? GHz Low Noise GaAs MMIC Amplifier
logo
New Japan Radio
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
logo
Agilent(Hewlett-Packard...
MGA-86576 HP-MGA-86576 Datasheet
75Kb / 6P
   1.5 - 8 GHz Low Noise GaAs MMIC Amplifier
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com