Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D44C6 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # D44C6
Description  SILICON NPN POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D44C6 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  D44C6 Datasheet HTML 1Page - Central Semiconductor Corp D44C6 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D44C1 D44C4
D44C7 D44C10
D44C2 D44C5
D44C8 D44C11
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
D44C3 D44C6
D44C9 D44C12
UNITS
Collector-Emitter Voltage
VCES
40
55
70
90
V
Collector-Emitter Voltage
VCEO
30
45
60
80
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
4.0
A
Peak Collector Current
ICM
6.0
A
Power Dissipation
PD
30
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
4.2
°C/W
Thermal Resistance
ΘJA
75
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICES
VCE=Rated VCES
10
μA
IEBO
VEB=5.0V
100
μA
BVCEO
IC=100mA (D44C1, 2, 3)
30
V
BVCEO
IC=100mA (D44C4, 5, 6)
45
V
BVCEO
IC=100mA (D44C7, 8, 9)
60
V
BVCEO
IC=100mA (D44C10, 11, 12)
80
V
VCE(SAT)
IC=1.0A, IB=50mA
(D44C2, 3, 5, 6, 8, 9, 11, 12)
0.5
V
VCE(SAT)
IC=1.0A, IB=100mA (D44C1, 4, 7, 10)
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
1.3
V
Cob
VCB=10V, IE=0, f=1.0MHz
100
pF
fT
VCE=4.0V, IC=20mA
50
MHz
td+tr
IC=1.0A, IB1=100mA
100
ns
ts
IC=1.0A, IB1=IB2=100mA
500
ns
tf
IC=1.0A, IB1=IB2=100mA
75
ns
D44C SERIES
SILICON
NPN POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR D44C series
devices are silicon NPN power transistors designed for
general purpose amplifier and switching applications.
MARKING: FULL PART NUMBER
TO-220 CASE
R1 (4-March 2014)
www.centr a lsemi.com


Similar Part No. - D44C6

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C6 BOCA-D44C6 Datasheet
148Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C6 SAVANTIC-D44C6 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
D44C6 SAVANTIC-D44C6 Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C6 NJSEMI-D44C6 Datasheet
645Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
D44C6 ISC-D44C6 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results

Similar Description - D44C6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com