Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2047UCB4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2047UCB4
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2047UCB4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2047UCB4_15 Datasheet HTML 1Page - Diodes Incorporated DMP2047UCB4_15 Datasheet HTML 2Page - Diodes Incorporated DMP2047UCB4_15 Datasheet HTML 3Page - Diodes Incorporated DMP2047UCB4_15 Datasheet HTML 4Page - Diodes Incorporated DMP2047UCB4_15 Datasheet HTML 5Page - Diodes Incorporated DMP2047UCB4_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP2047UCB4
Document number: DS36154 Rev. 6 - 2
2 of 6
www.diodes.com
May 2015
© Diodes Incorporated
DMP2047UCB4
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
-6
V
Continuous Drain Current (Note 5) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.1
-3.2
A
Continuous Drain Current (Note 5) VGS = -2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.6
-2.8
A
Pulsed Drain Current (Note 6)
IDM
16
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 7)
PD
1.0
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 7)
RθJA
127
°C/W
Thermal Resistance, Junction to Case @ TC = +25°C (Note 7)
RθJC
25.8
°C/W
Power Dissipation (Note 5)
PD
1.66
W
Thermal Resistance, Junction to Ambient @ TA = +25°C (Note 5)
RθJA
77
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
-20
V
VGS = 0V, ID = -250μA
Gate-Source Breakdown Voltage
BVGSS
-6.0
V
VDS = 0V, IG = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
μA
VDS = -16V, VGS = 0V
Gate-Source Leakage
IGSS
-100
nA
VGS = -6V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
-0.4
-0.8
-1.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS(ON)
40
47
m
Ω
VGS = -4.5V, ID =-1A
53
60
VGS = -2.5V, ID = -1A
Forward Transfer Admittance
|Yfs|
3.7
S
VDS = -10V, ID = -1A
Diode Forward Voltage
VSD
-0.7
-1.0
V
VGS = 0V, IS = -1A
Reverse Recovery Charge
Qrr
3.07
nC
VDD= –10V, IF = –1A,
di/dt =1
00A/μs
Reverse Recovery Time
trr
13.14
ns
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
218
pF
VDS = -10V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
116
Reverse Transfer Capacitance
Crss
11
Total Gate Charge
Qg
2.3
nC
VGS = -4.5V, VDS = -10V,
ID = -1A
Gate-Source Charge
Qgs
0.2
Gate-Drain Charge
Qgd
0.4
Gate Charge at Vth
Qg(th)
0.2
Turn-On Delay Time
tD(on)
7.9
ns
VDS = -10V, VGS = -2.5V,
RG = 20Ω, ID = -1A
Turn-On Rise Time
tr
10.7
Turn-Off Delay Time
tD(off)
48
Turn-Off Fall Time
tf
38
Notes:
5. Device mounted on FR4 material with 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
6. Repetitive rating, pulse width limited by junction temperature.
7. Device mounted on FR-4 PCB with minimum recommended pad layout, single sided.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.


Similar Part No. - DMP2047UCB4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2047UCB4-7 DIODES-DMP2047UCB4-7 Datasheet
454Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2047UCB4_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com