Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3507 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3507
Description  Triple Monolithic Step-Down Regulator with LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3507 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3507_15 Datasheet HTML 6Page - Linear Technology LT3507_15 Datasheet HTML 7Page - Linear Technology LT3507_15 Datasheet HTML 8Page - Linear Technology LT3507_15 Datasheet HTML 9Page - Linear Technology LT3507_15 Datasheet HTML 10Page - Linear Technology LT3507_15 Datasheet HTML 11Page - Linear Technology LT3507_15 Datasheet HTML 12Page - Linear Technology LT3507_15 Datasheet HTML 13Page - Linear Technology LT3507_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3507
10
3507fa
APPLICATIONS INFORMATION
STEP-DOWN CONSIDERATIONS
FB Resistor Network
The output voltage is programmed with a resistor divider
(refer to the Block Diagram) between the output and the
FB pin. Choose the resistors according to:
R1
=R2
VOUT
800mV
–1
⎝⎜
⎠⎟
The parallel combination of R1 and R2 should be 10k or
less to avoid bias current errors.
Input Voltage Range
The minimum operating voltage is determined either by
the LT3507’s internal undervoltage lockout (4V on VIN1, 3V
on VIN2 and VIN3) or by its maximum duty cycle. The duty
cycle is the fraction of time that the internal switch is on
and is determined by the input and output voltages:
DC
=
VOUT + VF
VIN –VSW + VF
where VF is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) =
VOUT + VF
DCMAX
–VF + VSW
The duty cycle is the fraction of time that the internal switch
is on during a clock cycle. The maximum duty cycle is
generally given by DCMAX = 1– tOFF(MIN)• fSW. However,
unlike most fixed frequency regulators, the LT3507 will not
switch off at the end of each clock cycle if there is sufficient
voltage across the boost capacitor (C3 in Figure 1) to fully
saturate the output switch. Forced switch off for a minimum
time will only occur at the end of a clock cycle when the
boost capacitor needs to be recharged. This operation
has the same effect as lowering the clock frequency for a
fixed off time, resulting in a higher duty cycle and lower
minimum input voltage. The resultant duty cycle depends
on the charging times of the boost capacitor and can be
approximated by the following equation:
DCMAX =
1
1
+
1
B
where B is the output current capacity divided by the typical
boost current from the BOOST pin current vs switch current
in the Typical Performance Characteristics section.
The maximum operating voltage without pulse-skipping
is determined by the minimum duty cycle DCMIN:
VIN(PS) =
VOUT + VF
DCMIN
–VF + VSW
with DCMIN = tON(MIN) • fSW.
Thus both the maximum and minimum input voltages are
a function of the switching frequency and output voltages.
Therefore the maximum switching frequency must be set
to a value that accommodates all the input and output
voltage parameters and must meet both of the following
criteria for each channel:
fMAX1 =
VOUT + VF
VIN(PS) –VSW + VF
⎟ •
1
tON(MIN)
fMAX2 = 1–
VOUT + VF
VIN(MIN) –VSW + VF
⎟ •
1
tOFF(MIN)
The values of tON(MIN) and tOFF(MIN) are functions of ISW
and temperature (see chart in the Typical Performance
Characteristics section). Worst-case values for switch
currents greater than 0.5A are tON(MIN) = 130ns (for TJ >
125°C tON(MIN) = 155ns) and tOFF(MIN) = 170ns.
fMAX1 is the frequency at which the minimum duty cycle
is exceeded. The regulator will skip ON pulses in order to
reduce the overall duty cycle at frequencies above fMAX1.
It will continue to regulate but with increased inductor
current and greatly increased output ripple. The increased
peak inductor current in pulse-skipping will also stress
the switch transistor at high voltages and high switch-
ing frequency. If the LT3507 is allowed to pulse-skip and
the input voltage is greater than 20V, then the switching
frequency must be kept below 1.1MHz to prevent damage
to the LT3507.


Similar Part No. - LT3507_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
441Kb / 34P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected LDOs
LT3507A LINER-LT3507A Datasheet
382Kb / 28P
   40V 400mA Step-Down Switching Regulator with Dual Fault Protected Tracking LDOs
LT3507A LINER-LT3507A Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
More results

Similar Description - LT3507_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507 LINER-LT3507 Datasheet
341Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
   Automotive monolithic dual step-down switching regulator with LDO
February 2022 Rev 1
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
   42V Triple Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com