Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3035SFG-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP3035SFG-13
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035SFG-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP3035SFG-13 Datasheet HTML 1Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 2Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 3Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 4Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 5Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 6Page - Diodes Incorporated DMP3035SFG-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3035SFG
Document number: DS35440 Rev. 3 - 2
2 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMP3035SFG
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current (Note 6) VGS = -10V
Steady
State
TA = 25°C
TA = 70°C
ID
-8.5
-6.7
A
t<10s
TA = 25°C
TA = 70°C
ID
-12.5
-10.0
A
Continuous Drain Current (Note 6) VGS = -5V
Steady
State
TA = 25°C
TA = 70°C
ID
-7.0
-5.5
A
t<10s
TA = 25°C
TA = 70°C
ID
-10.0
-8.0
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-70
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-3.6
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.95
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
135
°C/W
t<10s
65
°C/W
Total Power Dissipation (Note 6)
PD
2.3
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady state
RθJA
55
°C/W
t<10s
26
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
6.14
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
T
= 150°C
T = 25°C
Single Pulse
J(max)
A
t1, PULSE DURATION TIME (sec)
Fig. 2 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100
1,000
0.0001
0
10
20
30
40
50
60
70
80
90
100
Single Pulse
R
= 61 C/W
R
= r
* R
T - T = P * R
θ
θθ
θ
JA
JA(t)
(t)
JA
JA
JA(t)
°


Similar Part No. - DMP3035SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3035SFG-13 DIODES-DMP3035SFG-13 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3035SFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com