Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP3035SFG-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMP3035SFG-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035SFG-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMP3035SFG-7 Datasheet HTML 1Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 2Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 3Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 4Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 5Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 6Page - Diodes Incorporated DMP3035SFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3035SFG
Document number: DS35440 Rev. 3 - 2
5 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMP3035SFG
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Fig. 10 Gate Threshold Variation vs. Ambient Temperature
A
0
0.5
1.0
1.5
2.0
2.5
3.0
0.4
0.6
0.8
1.0
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
Fig. 11 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
5
10
15
20
100
1,000
10,000
-V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 12 Typical Junction Capacitance
DS
Coss
C
rss
f = 1MHz
Ciss
04
8
12
16
20
-V
, DRAIN-SOURCE VOLTAGE(V)
Fig. 13 Typical Drain-Source Leakage Current vs. Voltage
DS
1
10
100
1,000
10,000
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
0
5
10
15
20
25
30
35
40
Q , TOTAL GATE CHARGE (nC)
Fig. 14 Gate-Charge Characteristics
g
0
2
4
6
8
10


Similar Part No. - DMP3035SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3035SFG-7 DIODES-DMP3035SFG-7 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3035SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com