Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMP2305UVT-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP2305UVT-13
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2305UVT-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP2305UVT-13 Datasheet HTML 1Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 2Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 3Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 4Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 5Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 6Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 7Page - Diodes Incorporated DMP2305UVT-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMP2305UVT
Document number: DS35986 Rev. 1 - 2
2 of 8
www.diodes.com
August 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMP2305UVT
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 6) VGS = -4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-4.23
-2.98
A
Continuous Drain Current (Note 6) VGS = -2.5V
Steady
State
TA = +25°C
TA = +70°C
ID
-3.49
-2.79
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-4.23
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
-16
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
(Note 5)
PD
1.25
W
(Note 6)
1.64
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
100
°C/W
(Note 6)
76
Thermal Resistance, Junction to Case
(Note 6)
RθJC
14
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.


Similar Part No. - DMP2305UVT-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2305UVT-13 DIODES-DMP2305UVT-13 Datasheet
205Kb / 8P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2305UVT-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com