Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR65-0002-TBP Datasheet(PDF) 1 Page - Tyco Electronics

Part # DR65-0002-TBP
Description  Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DR65-0002-TBP Datasheet(HTML) 1 Page - Tyco Electronics

  DR65-0002-TBP Datasheet HTML 1Page - Tyco Electronics DR65-0002-TBP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Variable Absorptive
Attenuator, 1700 - 2000 MHz
SOW-16
V 5.00
Electrical Specifications: TA = 25°C
Features
n
Input IP3: +31 dBm Min (Full Attenuation Range)
n
Input IP3 is 15 -20 dB Better than GaAs
n
Linear Operation: +20 dBm Min.
n
Plastic SOIC, Wide Body, SMT Package
n
35 dB Dynamic Range (With 30 mA Bias Current)
n
Single Control Voltage
n
50 ohm Impedance
n
Linear Driver, DR65-0002, Available
n
Test Boards are Available
n
Tape and Reel Packaging Available
Description
M/A-COM's AT10-0017 is a PIN diode based voltage
variable attenuator. This device is in a SOIC-16, wide body
plastic surface mount package. These attenuators have
linear operating power and input intercept point levels 15 -
20 dB better than GaAs FET MMIC voltage variable
attenuators.
They are ideally suited for use where low
distortion, high linear operating power and high dynamic
range are required.
These devices are optimized for the
PCS frequency band, but exhibit excellent performance and
repeatability over the entire specified frequency band. The
AT10-0017 is ideally suited for wireless communications
systems.
Package outline conforms to JEDEC standard MS-013AA.
Parameter
Test Conditions
Frequency
Units
Min
Typical
Max
Insertion Loss
0 volts
1700-2000 MHz
1930 - 1990 MHz
dB
dB
2.5
3.5
3.0
Attenuation
(Above Loss)
10 mA bias current
1700-2000 MHz
1930 - 1990 MHz
dB
dB
28
30
35
Frequency
Flatness
0 to 30 dB attenuation
1700-2000 MHz
1930 - 1990 MHz
dB
dB
1.5
0.4
2.0
0.6
VSWR
0 to 30 dB attenuation
1700-2000 MHz
1930 - 1990 MHz
Ratio
Ratio
——-
1.6:1
1.5:1
1.8:1
1.7:1
Switching Speed
50% Control to 90%/10% RF
1700-2000 MHz
µs
3.0
Linear Operation
1700-2000 MHz
dBm
+20
Input IP3
Two-tone inputs up to +10 dBm
1700-2000 MHz
dBm
+31
—-
I Control
1700-2000 MHz
mA
—-
30


Similar Part No. - DR65-0002-TBP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0002-TBP MACOM-DR65-0002-TBP Datasheet
216Kb / 2P
   Linear Driver for PIN Diode Attenuators
DR65-0002-TBP MACOM-DR65-0002-TBP Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
DR65-0002-TBP MACOM-DR65-0002-TBP Datasheet
151Kb / 2P
   Linear Driver for PIN Diode Attenuators
logo
M/A-COM Technology Solu...
DR65-0002-TBP MA-COM-DR65-0002-TBP Datasheet
69Kb / 4P
   Linear Driver for PIN Diode Attenuators
More results

Similar Description - DR65-0002-TBP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
logo
Tyco Electronics
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
   Voltage Variable Attenuator 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAAV-007091-000100 MA-COM-MAAV-007091-000100 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVCC0002 MA-COM-MAAVCC0002 Datasheet
94Kb / 4P
   Voltage Variable Absorptive Attenuator, 1700 - 2200 MHz
logo
Tyco Electronics
MAAV-007091-000100 MACOM-MAAV-007091-000100 Datasheet
251Kb / 5P
   Voltage Variable Attenuator 1700 - 2200 MHz
AT10-0009 MACOM-AT10-0009 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com