Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1970 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1970
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1970 Datasheet(HTML) 3 Page - Linear Technology

  LT1970_15 Datasheet HTML 1Page - Linear Technology LT1970_15 Datasheet HTML 2Page - Linear Technology LT1970_15 Datasheet HTML 3Page - Linear Technology LT1970_15 Datasheet HTML 4Page - Linear Technology LT1970_15 Datasheet HTML 5Page - Linear Technology LT1970_15 Datasheet HTML 6Page - Linear Technology LT1970_15 Datasheet HTML 7Page - Linear Technology LT1970_15 Datasheet HTML 8Page - Linear Technology LT1970_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT1970
3
1970fd
For more information www.linear.com/LT1970
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. See Test Circuit for standard test conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
Input Resistance
Common Mode
Differential Mode
500
100
CIN
Input Capacitance
Pin 8 and Pin 9 to Ground
6
pF
VCM
Input Voltage Range
Typical
Guaranteed by CMRR Test
l
–14.5
–12.0
13.6
12.0
V
V
CMRR
Common Mode Rejection Ratio
–12V < VCM < 12V
l
92
105
dB
PSRR
Power Supply Rejection Ratio
VEE = V= –5V, VCC = V+ = 3V to 30V
VEE = V= –5V, VCC = 30V, V+ = 2.5V to 30V
VEE = V= –3V to –30V, VCC = V+ = 5V
VEE = –30V, V= –2.5V to –30V, VCC = V+ = 5V
l
l
l
l
90
110
90
110
100
130
100
130
dB
dB
dB
dB
AVOL
Large-Signal Voltage Gain
RL = 1k, –12.5V < VOUT < 12.5V
l
100
75
150
V/mV
V/mV
RL = 100Ω, –12.5V < VOUT < 12.5V
l
80
40
120
V/mV
V/mV
RL = 10Ω, –5V < VOUT < 5V, V+ = –V= 8V
l
20
5
45
V/mV
V/mV
VOL
Output Sat Voltage Low
VOL = VOUT – V
RL = 100, VCC = V+ = 15V, VEE = V= –15V
RL = 10, VCC = –VEE = 15V, V+ = –V= 5V
l
1.9
0.8
2.5
V
V
VOH
Output Sat Voltage High
VOH = V+ – VOUT
RL = 100, VCC = V+ = 15V, VEE = V= –15V
RL = 10, VCC = –VEE = 15V, V+ = –V= 5V
l
1.7
1.0
2.3
V
V
ISC
Output Short-Circuit Current
Output Low, RSENSE = 0Ω
Output High, RSENSE = 0Ω
500
–1000
800
–800
1200
–500
mA
mA
SR
Slew Rate
–10V < VOUT < 10V, RL = 1k
0.7
1.6
V/µs
FPBW
Full Power Bandwidth
VOUT = 10VPEAK (Note 5)
11
kHz
GBW
Gain Bandwidth Product
f = 10kHz
3.6
MHz
tS
Settling Time
0.01%, VOUT = 0V to 10V, AV = –1, RL = 1k
8
µs
Current Sense Characteristics
VSENSE(MIN) Minimum Current Sense Voltage
VCSRC = VCSNK = 0V
l
0.1
0.1
4
7
10
mV
mV
VSENSE(4%) Current Sense Voltage 4% of Full Scale
VCSRC = VCSNK = 0.2V
l
15
20
25
mV
VSENSE(10%) Current Sense Voltage 10% of Full Scale
VCSRC = VCSNK = 0.5V
l
45
50
55
mV
VSENSE(FS) Current Sense Voltage 100% of Full Scale VCSRC = VCSNK = 5V
l
490
480
500
500
510
520
mV
mV
IBI
Current Limit Control Input Bias Current
VCSRC, VCSNK Pins
l
–1
–0.2
0.1
µA
ISENSE
SENSEInput Current
0V < (VCSRC, VCSNK) < 5V
l
–500
500
nA
IFILTER
FILTER Input Current
0V < (VCSRC, VCSNK) < 5V
l
–500
500
nA
ISENSE+
SENSE+ Input Current
VCSRC= VCSNK = 0V
VCSRC = 5V, VCSNK = 0V
VCSRC= 0V, VCSNK = 5V
VCSRC = VCSNK = 5V
l
l
l
l
–500
200
–300
–25
250
–250
500
300
–200
25
nA
nA
nA
nA
Current Sense Change with Output Voltage VCSRC = VCSNK = 5V, –12.5V < VOUT < 12.5V
±0.1
%
Current Sense Change with Supply Voltage VCSRC = VCSNK = 5V, 6V < (VCC, V+) < 18V
2.5V < V+ < 18V, VCC = 18V
–18V < (VEE, V) < –2.5V
–18V < V< –2.5V, VEE = –18V
±0.05
±0.01
±0.05
±0.01
%
%
%
%


Similar Part No. - LT1970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
More results

Similar Description - LT1970_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970A LINER-LT1970A Datasheet
264Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com