Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-260RTR Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-260RTR
Description  Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-260RTR Datasheet(HTML) 1 Page - Tyco Electronics

  AT-260RTR Datasheet HTML 1Page - Tyco Electronics AT-260RTR Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Package
AT-260 PIN
SSOP 20-Lead
AT-260TR
Forward Tape & Reel
*
AT-260RTR
Reverse Tape & Ree
l*
Parameter
Test Conditions
1
Unit
Min.
Typ.
Max
Reference
DC – 0.1 GHz
dB
1.6
1.8
Insertion Loss
DC – 0.5 GHz
dB
1.7
1.9
DC – 1.0 GHz
dB
1.9
2.2
DC – 2.0 GHz
dB
2.2
2.5
Attenuation
DC – 1.0 GHz
± (0.20 dB + 3% of Atten. Setting in dB) dB
Accuracy2
DC – 2.0 GHz
± (0.30 dB + 3% of Atten.Setting in dB) dB
VSWR
(any state)
1.5:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
8
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
15
Transients
In Band
mV
2
One dB
Input Power
0.05 GHz
dBm
20
Compression
Input Power
0.5-2.0 GHz
dBm
27
IP2
Measured Relative
0.05 GHz
dBm
45
to Input Power
0.5-2.0 GHz
dBm
60
(for two-tone input power up to +5 dBm)
IP3
Measured Relative
0.05 GHz
dBm
34
to Input Power
0.5-2.0 GHz
dBm
50
(for two-tone input power up to +5 dBm)
Features
Attenuation: 1-dB Steps to 31 dB
Temperature Stability: ± 0.15 dB from -40°C
to +85°C Typical
Ultra Low DC Power Consumption
Low Intermodulation Products: IP3 = 50 dBm
Low Cost SSOP 20 Plastic Package
Tape and Reel Packaging Available
Description
M/A-COM's AT-260 is a 5-bit, 1-dB step GaAs MMIC digi-
tal attenuator in a low cost SSOP-20 surface mount plastic
package. The AT-260 is ideally suited for use where high
accuracy, fast switching, very low power consumption and
low intermodulation products are required at a low cost.
Typical applications include radio and cellular equipment,
wireless LANS, GPS equipment and other Gain/Level
Control circuits.
The AT-260 is fabricated with a monolithic GaAs MMIC
using a mature 1-micron process. The process features full
chip passivation for increased performance and reliability.
Digital Attenuator, 31 dB, 5-Bit
DC – 2 GHz
AT-260
SSOP-20
1. All measurements at 1 GHz in a 50
Ω system, unless otherwise specified.
2.Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
q
q
q
q
q
q
Ordering Information
Electrical Specifications, TA = 25°C
*
If specific reel size is requIred, consult factory for part number
assignment.
V 2.00


Similar Part No. - AT-260RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Hirose Electric
AT-2600 HIROSE-AT-2600 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
AT-2606 HIROSE-AT-2606 Datasheet
125Kb / 1P
   Waterproof Fixed Attenuators (N Type)
logo
Tyco Electronics
AT-260TR MACOM-AT-260TR Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
More results

Similar Description - AT-260RTR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-357 MACOM-AT-357 Datasheet
34Kb / 2P
   GaAs Digital Attenuator, 31 dB, 5 Bit DC - 2 GHz
logo
M/A-COM Technology Solu...
AT-357 MA-COM-AT-357_15 Datasheet
632Kb / 4P
   GaAs Digital Attenuator 31 dB, 5-Bit, DC-2 GHz
AT-357 MA-COM-AT-357 Datasheet
61Kb / 3P
   GaAs Digital Attenuator 31 dB, 5 - Bit, DC - 2 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-260 MA-COM-AT-260 Datasheet
92Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT20-0263 MACOM-AT20-0263 Datasheet
223Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com