Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE515N6KV Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # LANE515N6KV
Description  1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE515N6KV Datasheet(HTML) 4 Page - Wall Industries,Inc.

  LANE515N6KV Datasheet HTML 1Page - Wall Industries,Inc. LANE515N6KV Datasheet HTML 2Page - Wall Industries,Inc. LANE515N6KV Datasheet HTML 3Page - Wall Industries,Inc. LANE515N6KV Datasheet HTML 4Page - Wall Industries,Inc. LANE515N6KV Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev E
LANE-6KV SERIES
1 Watt Medical & Industrial DC/DC Power Converters
05/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
DESIGN CONSIDERATIONS
Peak-to-Peak Output Noise Measurement Test
Use a 0.33µF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20MHz.
Position the load between 50mm and 75mm from the DC/DC converter.
+Out
-Out
+Vin
-Vin
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
Single Output
DC/DC
Converter
+Out
-Out
+Vin
-Vin
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Dual Output
DC/DC
Converter
TEST SETUP
Input Source Impedance
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect the
stability of the power module. In applications where power is supplied over long lines and output loading is high, it may be necessary
to use a capacitor at the input to ensure startup. Capacitor mounted close to the power module helps ensure stability of the unit, it is
recommended to use a good quality low Equivalent Series Resistance (ESR < 1.0Ω at 100 KHz) capacitor of 2.2µF for the 5V input
devices and a 1.0µF for the 12V input devices.
+
+Out
-Out
+Vin
-Vin
DC/DC
Converter
Load
DC Power
Source
+
-
Cin
Output Ripple Reduction
A good quality low ESR capacitor placed as close as possible across the load will give the best ripple and noise performance. To
reduce output ripple, it is recommended to use 1.5µF capacitors at the output.
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC/DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Load
Cout
Dual Output
DC/DC
Converter
Maximum Capacitive Load
The LANE-6KV series has a limitation of maximum connected capacitance on the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the start-up time. For optimum performance we recommend 220µF
maximum capacitive load for dual outputs and 680µF capacitive load for single outputs. The maximum capacitance can be found in
the Model Selection Table.
Thermal Considerations
Many conditions affect the thermal performance of the power module, such as orientation, airflow over the module, and board
spacing. To avoid exceeding the maximum temperature rating of the components inside the power module, the case temperature
must be kept below 90°C. The derating curves are determined from measurements obtained in a test setup.
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - LANE515N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE515N6KV WALL-LANE515N6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANE515N6KV WALL-LANE515N6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE515N6KV

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
   Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
logo
PEAK electronics GmbH
P14SG-053R3ELF PEAK-P14SG-053R3ELF Datasheet
149Kb / 3P
   1 - 6 kV DC I/O Isolation
logo
Wall Industries,Inc.
LANEH2 WALL-LANEH2 Datasheet
158Kb / 3P
   3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MSLU WALL-MSLU Datasheet
222Kb / 7P
   1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com