Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LANE505N6KV Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # LANE505N6KV
Description  1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE505N6KV Datasheet(HTML) 3 Page - Wall Industries,Inc.

  LANE505N6KV Datasheet HTML 1Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 2Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 3Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 4Page - Wall Industries,Inc. LANE505N6KV Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wall Industries, Inc.
Rev E
LANE-6KV SERIES
1 Watt Medical & Industrial DC/DC Power Converters
05/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
DERATING CURVE
0
20
40
60
80
100
120
-25
0
20
40
60
80
100 110 120
Natural Convection (20LFM)
100LFM
200LFM
400LFM
Ambient Temperature (°C)
MECHANICAL DRAWING
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
5
-Vout
-Vout
6
No Pin
Common
7
+Vout
+Vout
0.02
[0.5]
0.10
[2.54]
0.30 [7.62]
2x0.10
[2x2.54]
0.87 [22.0]
21.0 [0.83]
0.02 [0.50]
0.08 [2.0]
0.01 [0.25]
1
2
7
5
6
Bottom View
0.14
[3.5]
NOTES:
1. Unit: inches (mm)
2. Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 (X.XXX±0.005)
3. Pins: ±0.05 (±0.002)
4. Weight: 0.14oz (3.9g)
5. Pin Material: Alloy 42
6. Case Material: non-conductive black plastic
(flammability to UL94V-0 rated)
7. All dimensions are for reference only


Similar Part No. - LANE505N6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE505N6KV WALL-LANE505N6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANE505N6KV WALL-LANE505N6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE505N6KV

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
   Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
logo
PEAK electronics GmbH
P14SG-053R3ELF PEAK-P14SG-053R3ELF Datasheet
149Kb / 3P
   1 - 6 kV DC I/O Isolation
logo
Wall Industries,Inc.
LANEH2 WALL-LANEH2 Datasheet
158Kb / 3P
   3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MSLU WALL-MSLU Datasheet
222Kb / 7P
   1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com