Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

628L Datasheet(PDF) 2 Page - Welwyn Components Limited

Part No. 628L
Description  R/2R Ladder Thick Film DIP Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WELWYN [Welwyn Components Limited]
Homepage  http://www.welwyn-tt.com/
Logo 

628L Datasheet(HTML) 2 Page - Welwyn Components Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 628 L
Model 628 L Series
Outline Dimensions (Inch/mm)
Schematics
.050
1.27
.016
0.41
.310
7.87
Max.
Typ.
.028
0.71
Typ.
.090
2.29
Max.
.008
0.20 Typ.
Typ.
.445
11.30
.008 ± .005
0.20 ± 0.13
.220 ± .005
5.59 ± 0.13
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R 2R
2R
R
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R 2R
2R
R
Model 628 L
8 Bits, 16 Leads
Model 628 LN
8 Bits, 16 Leads
Note: Custom circuits are available. Consult factory.
Note: Maximum Allowable Mold Excursion = 0.006”
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn