Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD39012EFV-C Datasheet(PDF) 11 Page - Rohm

Part # BD39012EFV-C
Description  Independent enable control
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD39012EFV-C Datasheet(HTML) 11 Page - Rohm

Back Button BD39012EFV-C Datasheet HTML 7Page - Rohm BD39012EFV-C Datasheet HTML 8Page - Rohm BD39012EFV-C Datasheet HTML 9Page - Rohm BD39012EFV-C Datasheet HTML 10Page - Rohm BD39012EFV-C Datasheet HTML 11Page - Rohm BD39012EFV-C Datasheet HTML 12Page - Rohm BD39012EFV-C Datasheet HTML 13Page - Rohm BD39012EFV-C Datasheet HTML 14Page - Rohm BD39012EFV-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11/39
TSZ02201-0T2T0AM00180-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Sep.2014 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD39012EFV-C
Typical Performance Curves
Figure 2. Standby Current vs Supply Voltage
(Standby Circuit Current)
Figure 3. VCC Circuit Current vs Supply Voltage
(VCC Circuit Current)
Figure 4. VS Circuit Current vs VS Supply Voltage
(VS Circuit Current)
Figure 5. UVLO Detect Voltage vs Ambient Temperature
(UVLO Detection Voltage)
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
-40
-10
20
50
80
110
Ambient Temperature: Ta [ C]
UVLO Detect
UVLO Undetect
0
1
2
3
4
0
6
12
18
24
30
36
Supply Voltage: VCC [V]
-40℃
25℃
125℃
-1
0
1
2
3
4
5
0
6
12
18
24
30
36
Supply Voltage: VCC [V]
-40℃
25℃
125℃
0.0
0.5
1.0
1.5
2.0
0
2
4
6
8
10
Supply Voltage: VS [V]
-40℃
25℃
125℃


Similar Part No. - BD39012EFV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD39001EKV-C ROHM-BD39001EKV-C Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39001EKV-CE2 ROHM-BD39001EKV-CE2 Datasheet
1Mb / 56P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-CE2 ROHM-BD39002EFV-CE2 Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
   Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
More results

Similar Description - BD39012EFV-C

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687 Datasheet
3Mb / 20P
   Independent Enable Pins
AAT2689 SKYWORKS-AAT2689 Datasheet
3Mb / 20P
   Independent Enable Pins
logo
Maxim Integrated Produc...
MAX15022EVKIT MAXIM-MAX15022EVKIT Datasheet
251Kb / 10P
   Independent Enable Inputs for All Outputs
Rev 0; 5/08
logo
SYNERGY MICROWAVE CORPO...
APVM-881 SYNERGY-APVM-881 Datasheet
432Kb / 3P
   INDEPENDENT PHASE AND AMPLITUDE CONTROL
logo
Anachip Corp
AP451 ANACHIP-AP451 Datasheet
183Kb / 6P
   2 Channel Linear Controller with Independent Enable Function
logo
Holt Integrated Circuit...
HI-3718 HOLTIC-HI-3718 Datasheet
1Mb / 17P
   Line drivers have independent tri-state control
logo
Intersil Corporation
HIP1011ECA-T INTERSIL-HIP1011ECA-T Datasheet
356Kb / 15P
   Independent Power Control of 2 PCI Slots
logo
Richtek Technology Corp...
RT9043GB RICHTEK-RT9043GB Datasheet
196Kb / 8P
   Adjustable Output Voltage, Enable/Shutdown Control
logo
Kinetic Technologies.
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com