Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD4269EFJ-C Datasheet(PDF) 11 Page - Rohm

Part # BD4269EFJ-C
Description  AEC-Q100 Qualifies
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD4269EFJ-C Datasheet(HTML) 11 Page - Rohm

Back Button BD4269EFJ-C Datasheet HTML 7Page - Rohm BD4269EFJ-C Datasheet HTML 8Page - Rohm BD4269EFJ-C Datasheet HTML 9Page - Rohm BD4269EFJ-C Datasheet HTML 10Page - Rohm BD4269EFJ-C Datasheet HTML 11Page - Rohm BD4269EFJ-C Datasheet HTML 12Page - Rohm BD4269EFJ-C Datasheet HTML 13Page - Rohm BD4269EFJ-C Datasheet HTML 14Page - Rohm BD4269EFJ-C Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11/25
BD4269FJ-C BD4269EFJ-C
Datasheet
TSZ02201-0G1G0AN00380-1-2
5.Jun.2015 Rev.004
www.rohm.com
©2014 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Typical Performance Curves (Unless otherwise specified, Tj = -40 °C to 150 °C, VCC = 13.5 V) -Continued
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-40
0
40
80
120
Junction Temperature : Tj [℃]
VSIH
VSIL
150
0
1
2
3
4
5
6
0.00.2
0.40.6
0.81.0
SI Voltage : VSI [V]
Tj = -40 °C
Tj = 25 °C
Tj = 125 °C
Figure 17. SO Voltage vs. SI Voltage
Figure 18. SI threshold vs. Junction Temperature


Similar Part No. - BD4269EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
BD4210EKN ROHM-BD4210EKN Datasheet
382Kb / 6P
   Strobe Charge Control IC
BD4211FV ROHM-BD4211FV Datasheet
271Kb / 6P
   Strobe Charge Control IC
logo
Sumida Corporation
BD4215 SUMIDA-BD4215 Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
logo
Rohm
BD4215NUV ROHM-BD4215NUV Datasheet
261Kb / 5P
   Silicon monolithic integrated circuit
More results

Similar Description - BD4269EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
logo
Rohm
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com