Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMR4BL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # RMR4BL
Description  Thermal Transfer Resin Ribbon
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

RMR4BL Datasheet(HTML) 1 Page - PANDUIT CORP.

  RMR4BL Datasheet HTML 1Page - PANDUIT CORP. RMR4BL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:Resin Ribbon
Effective Date:
Revision:
16JUL12
1
Technical Data Sheet
Page 1 of 2
 2011 PANDUIT Corp
TDS:Resin Ribbon
Thermal Transfer Resin Ribbon
This specification is intended to outline the physical and chemical properties of PANDUIT’s black thermal transfer resin ribbon and
include the following part numbers.
Ribbon Part Number
RHR4BL-S
RMR2BL
RMRP468BL
RHR4BL-Z
RMR4BL
RMRP466BL
RHR2BL-S
RMER2BL
RMER4BL
PRODUCT SPECIFICATIONS:
Ribbon Property
Base Material:
Polyester film
Base Film Caliper:
4.5 m
Ink Color:
Black
Ink Formulation:
Resin
Ribbon Thickness:
<9.0 m
Printing Property
Image Density:
1.6 ODR
Maximum Print Speed:
6 IPS
Recommended Substrates:
Storage Condition:
Matte and high gloss paper, synthetics,
(PVC, PET, PE, PP)
40
0F-950F(50C-350C) at 20% - 80% R.H
Ribbon components are not considered health hazards, except when exposed to fire.
Features:
1.
Superior image durability.
2.
Excellent chemical, solvent and heat resistance.
3.
Very good edge definition and print quality.
4.
Special back coating provides excellent print-head protection, and anti-static properties.


Similar Part No. - RMR4BL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
RMR4BL PANDUIT-RMR4BL Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
RMR4BL-A PANDUIT-RMR4BL-A Datasheet
72Kb / 1P
   TDP43MY Thermal Transfer Desktop Printer and Accessories
More results

Similar Description - RMR4BL

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
TT100OUTSM HELLERMANNTYTON-TT100OUTSM Datasheet
271Kb / 3P
   Clean Start Thermal Transfer Ribbon, Soft Resin, 4.33 x 242, 0.5 Core, PET, Black, 1/pkg
2022
logo
Tyco Electronics
1654227 MACOM-1654227 Datasheet
2Mb / 48P
   Thermal Transfer
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
   Thermal Transfer Print Ribbons
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
logo
PANDUIT CORP.
C025X025KBT PANDUIT-C025X025KBT Datasheet
95Kb / 3P
   Thermal Transfer Component Labels
logo
TE Connectivity Ltd
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER
logo
PHOENIX CONTACT
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
   Thermal transfer printer - THERMOMARK GO.K
09/12/2020
logo
TE Connectivity Ltd
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
   BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
   Thermal transfer printer - THERMOMARK GO
logo
Wurth Elektronik GmbH &...
403012008 WURTH-403012008 Datasheet
274Kb / 3P
   WE-TTT Thermal Transfer Tape
001.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com