Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

META-X Datasheet(PDF) 1 Page - PANDUIT CORP.

Part No. META-X
Description  Aluminum Marker Plates – Pan-Alum™ MMP Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

META-X Datasheet(HTML) 1 Page - PANDUIT CORP.

  META-X Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Aluminum Marker Plates – Pan-Alum MMP Series
• Lightweight, aluminum construction for flexibility and ease
of handling
• Five color options in addition to natural aluminum provide quick
visual identification, ideal for applications requiring color-coding
• Easy feed marker plate design includes a raised slot to simplify
cable tie installation and improve productivity
*See Pan-Alum Aluminum Ties on page B3.10 for matching natural finish and five colors.
**See page, E4.2 for Panduit Factory Custom Marking Service.
Metal Embossing Hand Tool and Tape System
• New multi-functional cutting die design creates embossed marker
plates with raised cable tie slot in one step instead of three, for
faster installation
• Lightweight, compact and portable, allows user to create custom
length identification on demand at remote job sites
• Embosses 3/16" characters onto stainless steel or aluminum
tape, to improve visibility in applications that are subjected to
dirt or paint
*Aluminum ties are recommended for use with aluminum tape to prevent galvanic reaction (corrosion that can
occur between stainless steel and aluminum in certain environments).
Part Number
Material
Color
Custom Marking
Parameters**
Used with
Pan-Alum
Cable Ties
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Length
Width
Max. 3/16"
(4.77mm)
Characters
per Line
Max.
Lines
In.
mm
In.
mm
MMP350H-CALBU
Anodized
Aluminum
Blue
3.50
89.0
0.75
19.0
20
3
MLT1H-LPAL*
MLT2H-LPAL*
and
MLT4H-LPAL*
100
1000
MMP350H-CALGR
Green
100
1000
MMP350H-CALRD
Red
100
1000
MMP350H-CALBL
Black
100
1000
MMP350H-CALYL
Yellow
100
1000
MMP350H-CAL
Aluminum
Natural
100
1000
Part Number
Part Description
Std.
Pkg.
Qty.
Tool Kit
MEHT187
Includes tool, additional marking wheel, carrying case, one roll each
META (aluminum) and METS (stainless steel) tape.
Characters included: A B C D E F G H I J K L M N O P Q R S T U V W X
Y Z 1 2 3 4 5 6 7 8 9 / ( )
1
Tape
META-X
.50" x 16' (12.7mm x 4.9m) aluminum tape*.
10
METS3-X
.50" x 21' (12.7mm x 6.4m) 316 grade stainless steel tape.
10
METS4-X
.50" x 21' (12.7mm x 6.4m) 304 grade stainless steel tape.
10


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn