Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZTA44_15 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZTA44_15
Description  SURFACE MOUNT EXTREMELY HIGH VOLTAGE NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZTA44
SURFACE MOUNT
EXTREMELY HIGH VOLTAGE
NPN SILICON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZTA44 type
is a surface mount epoxy molded silicon planar
epitaxial transistor designed for extremely high voltage
applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
450
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
300
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=400V
100
nA
ICES
VCE=400V
500
nA
IEBO
VBE=4.0V
100
nA
BVCBO
IC=100µA
450
V
BVCES
IC=100µA
450
V
BVCEO
IC=1.0mA
400
V
BVEBO
IE=10µA
6.0
V
VCE(SAT)
IC=1.0mA, IB=0.1mA
0.40
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.50
V
VCE(SAT)
IC=50mA, IB=5.0mA
0.75
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.75
V
hFE
VCE=10V, IC=1.0mA
40
hFE
VCE=10V, IC=10mA
50
200
hFE
VCE=10V, IC=50mA
45
hFE
VCE=10V, IC=100mA
20
fT
VCE=10V, IC=10mA, f=10MHz
20
MHz
Cob
VCB=20V, IE=0, f=1.0MHz
7.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
130
pF
R5 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl