Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT7120_15 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT7120_15
Description  SURFACE MOUNT PNP SILICON SWITCHING POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZT7120
SURFACE MOUNT
PNP SILICON SWITCHING
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT7120 PNP
Switching Power Transistor, manufactured by the
epitaxial planar process, combines both power and
high speed switching characteristics in a SOT-223
Surface Mount Package. Typical applications include
drivers, DC-DC converters, and general fast switching
applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
70
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
3.0
A
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=80V
1.0
µA
IEBO
VEB=5.0V
1.0
µA
BVCBO
IC=50µA
120
156
V
BVCEO
IC=10mA
70
118
V
BVEBO
IE=50µA
7.0
24
V
VCE(SAT)
IC=2.0A, IB=200mA
295
500
mV
VBE(ON)
IC=2.0A, VCE=1.0V
0.93
1.1
V
hFE
VCE=5.0V, IC=10mA
100
210
hFE
VCE=5.0V, IC=500mA
100
162
300
hFE
VCE=5.0V, IC=3.0A
40
65
fT
VCE=10V, IC=500mA, f=1.0MHz
8.0
MHz
R3 (1-March 2010)
www.centra lsemi.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl