Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZT3904 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CZT3904
Description  SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZT3904 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZT3904_15 Datasheet HTML 1Page - Central Semiconductor Corp CZT3904_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CZT3904 NPN
CZT3906 PNP
SURFACE MOUNT
COMPLEMENTARY
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT3904,
CZT3906 types are complementary silicon transistors
manufactured by the epitaxial planar process, epoxy
molded in a surface mount package, designed for small
signal general purpose and switching applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
CZT3904
CZT3906
UNITS
Collector-Base Voltage
VCBO
60
40
V
Collector-Emitter Voltage
VCEO
40
40
V
Emitter-Base Voltage
VEBO
6.0
5.0
V
Continuous Collector Current
IC
200
mA
Power Dissipation
PD
2.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CZT3904
CZT3906
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
ICEV
VCE=30V, VEB=3.0V
-
50
-
50
nA
BVCBO
IC=10μA
60
-
40
-
V
BVCEO
IC=1.0mA
40
-
40
-
V
BVEBO
IE=10μA
6.0
-
5.0
-
V
VCE(SAT)
IC=10mA, IB=1.0mA
-
0.20
-
0.25
V
VCE(SAT)
IC=50mA, IB=5.0mA
-
0.30
-
0.40
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.65
0.85
0.65
0.85
V
VBE(SAT)
IC=50mA, IB=5.0mA
-
0.95
-
0.95
V
hFE
VCE=1.0V, IC=0.1mA
40
-
60
-
hFE
VCE=1.0V, IC=1.0mA
70
-
80
-
hFE
VCE=1.0V, IC=10mA
100
300
100
300
hFE
VCE=1.0V, IC=50mA
60
-
60
-
hFE
VCE=1.0V, IC=100mA
30
-
30
-
fT
VCE=20V, IC=10mA, f=100MHz
300
-
250
-
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
-
4.0
-
4.5
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
-
8.0
-
10
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
10
2.0
12
R5 (1-March 2010)
www.centr a lsemi.com


Similar Part No. - CZT3904_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZT3904 CENTRAL-CZT3904_10 Datasheet
535Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results

Similar Description - CZT3904_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA06 CENTRAL-CMPTA06 Datasheet
121Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CTLT3410-M621 CENTRAL-CTLT3410-M621_15 Datasheet
659Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3904 CENTRAL-CXT3904_10 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904 CENTRAL-CMPT3904_10 Datasheet
332Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT4401 CENTRAL-CMPT4401_10 Datasheet
329Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_15 Datasheet
336Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_15 Datasheet
335Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CXT3410 CENTRAL-CXT3410_15 Datasheet
292Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT8099 CENTRAL-CMPT8099 Datasheet
328Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMST3904 CENTRAL-CMST3904_10 Datasheet
408Kb / 2P
   SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com