Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLT5551 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CTLT5551
Description  GENERAL PURPOSE NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLT5551 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CTLT5551 Datasheet HTML 1Page - Central Semiconductor Corp CTLT5551 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTLT5551-M832D
SURFACE MOUNT
DUAL, HIGH VOLTAGE
GENERAL PURPOSE
NPN SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
20
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
200
NF
VCE=5.0V, IC=200μA, RS=10Ω,
f=10Hz to 15.7kHz
8.0
dB
TLM832D CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Base Q1
2) Emitter Q1
3) Base Q2
4) Emitter Q2
5) Collector Q2
6) Collector Q2
7) Collector Q1
8) Collector Q1
MARKING CODE: CFS
PIN CONFIGURATION
www.centr a lsemi.com
R2 (19-February 2010)


Similar Part No. - CTLT5551

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLT5551-M832D CENTRAL-CTLT5551-M832D Datasheet
413Kb / 2P
   SURFACE MOUNT DUAL, HIGH VOLTAGE GENERAL PURPOSE NPN SILICON TRANSISTORS
More results

Similar Description - CTLT5551

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com