Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-106PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-106PIN
Description  Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-106PIN Datasheet(HTML) 3 Page - Tyco Electronics

  AT-106PIN Datasheet HTML 1Page - Tyco Electronics AT-106PIN Datasheet HTML 2Page - Tyco Electronics AT-106PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT-106
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
Typical Performance Curves
Attenuation Accuracy vs. Frequency
Insertion Loss vs. Frequency
Attenuation Accuracy vs. Frequency
3
RF1 VSWR vs. Frequency
RF2 VSWR vs. Frequency
Ordering Information
Part Number
Package
AT-106 PIN
CR-13
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
+85°C
+25°C
-55°C
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 dB
2 dB
4 dB
8 dB
-2.00
-1.00
0.00
1.00
2.00
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
16 dB
32 dB
40 dB
50 dB
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 dB
4 dB
8 & 16 dB
32 dB
Ref Loss & 2 dB
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 dB
2 dB
8 dB
16 dB
Ref Loss
& 4 dB
32 dB


Similar Part No. - AT-106PIN

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-106 HIROSE-AT-106 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-106-PIN MACOM-AT-106-PIN Datasheet
185Kb / 4P
   Digital Attenuator, 50dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-106-PIN MA-COM-AT-106-PIN Datasheet
135Kb / 4P
   Digital Attenuator
AT-106-PIN MA-COM-AT-106-PIN Datasheet
638Kb / 5P
   Digital Attenuator
More results

Similar Description - AT-106PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0106 MACOM-AT20-0106 Datasheet
235Kb / 3P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT90-1106 MACOM-AT90-1106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007082-000100 MACOM-MAAD-007082-000100 Datasheet
302Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
logo
Tyco Electronics
AT90-0106 MACOM-AT90-0106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0106 MA-COM-AT90-0106 Datasheet
169Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com