Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMXT2222A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMXT2222A
Description  SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXT2222A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMXT2222A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMXT2222A_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMXT2222A
SURFACE MOUNT
DUAL NPN
SILICON TRANSISTORS
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
μS
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
μS
rb’Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V, IC=100μA, RS=1.0kΩ, f=1.0kHz
4.0
dB
td
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5V, IC=150mA, IB1=15mA
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns
SOT-26 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Emitter Q1
2) Base Q1
3) Collector Q2
4) Emitter Q2
5) Base Q2
6) Collector Q1
MARKING CODE: X1P
www.centr a lsemi.com
R3 (12-February 2010)


Similar Part No. - CMXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results

Similar Description - CMXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT8099M CENTRAL-CMLT8099M Datasheet
678Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CYT5551D CENTRAL-CYT5551D Datasheet
103Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CYT3019D CENTRAL-CYT3019D Datasheet
547Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
logo
Pan Jit International I...
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com