Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMXT2222A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXT2222A
Description  SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXT2222A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXT2222A_15 Datasheet HTML 1Page - Central Semiconductor Corp CMXT2222A_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMXT2222A
SURFACE MOUNT
DUAL NPN
SILICON TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMXT2222A
type is a dual NPN silicon transistor manufactured
by the epitaxial planar process, epoxy molded in a
SUPERmini™ surface mount package, and designed
for small signal general purpose and switching
applications.
MARKING CODE: X1P
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
600
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
10
nA
ICBO
VCB=60V, TA=125°C
10
μA
ICEV
VCE=60V, VEB=3.0V
10
nA
IEBO
VEB=3.0V
10
nA
BVCBO
IC=10μA
75
V
BVCEO
IC=10mA
40
V
BVEBO
IE=10μA
6.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.3
V
VCE(SAT)
IC=500mA, IB=50mA
1.0
V
VBE(SAT)
IC=150mA, IB=15mA
0.6
1.2
V
VBE(SAT)
IC=500mA, IB=50mA
2.0
V
hFE
VCE=10V, IC=0.1mA
35
hFE
VCE=10V, IC=1.0mA
50
hFE
VCE=10V, IC=10mA
75
hFE
VCE=10V, IC=150mA
100
300
hFE
VCE=1.0V, IC=150mA
50
hFE
VCE=10V, IC=500mA
40
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
25
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
SOT-26 CASE
R3 (12-February 2010)
www.centr a lsemi.com


Similar Part No. - CMXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
More results

Similar Description - CMXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXT2222A CENTRAL-CMXT2222A_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_10 Datasheet
557Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMXT3904 CENTRAL-CMXT3904_15 Datasheet
410Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT8099M CENTRAL-CMLT8099M Datasheet
678Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CYT5551D CENTRAL-CYT5551D Datasheet
103Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CYT3019D CENTRAL-CYT3019D Datasheet
547Kb / 2P
   SURFACE MOUNT DUAL, ISOLATED NPN SILICON TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
logo
Pan Jit International I...
MMDT3904 PANJIT-MMDT3904 Datasheet
207Kb / 4P
   DUAL SURFACE MOUNT NPN TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com