Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4261-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4261-2
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4261-2_15 Datasheet HTML 4Page - Linear Technology LTC4261-2_15 Datasheet HTML 5Page - Linear Technology LTC4261-2_15 Datasheet HTML 6Page - Linear Technology LTC4261-2_15 Datasheet HTML 7Page - Linear Technology LTC4261-2_15 Datasheet HTML 8Page - Linear Technology LTC4261-2_15 Datasheet HTML 9Page - Linear Technology LTC4261-2_15 Datasheet HTML 10Page - Linear Technology LTC4261-2_15 Datasheet HTML 11Page - Linear Technology LTC4261-2_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTC4261/LTC4261-2
8
42612fd
For more information www.linear.com/LTC4261
ADIN (Pin 23/Pin 16): ADC Input. A voltage between 0V
and 2.56V applied to this pin is measured by the on-chip
ADC. Tie to VEE if unused.
ADIN2 (Pin 10/NA): Second ADC Input. Not available on
QFN package.
ADR0, ADR1 (Pins 24, 25/Pins 17, 18): Serial Bus Ad-
dress Inputs. Tying these pins to VEE, OPEN or INTVCC
configures one of nine possible addresses. See Table 1
in Applications Information.
ALERT (Pin 3/Pin 24): Fault Alert Output. Open-drain logic
output that pulls to VEEwhenafaultoccurstoalertthehost
controller. A fault alert is enabled by the ALERT register.
See Applications Information. Connect to VEE if unused.
DRAIN (Pin 16/Pin 11): Drain Sense Input. Connect an
external1Mresistorbetweenthispinandthedrainterminal
(VOUT) of the N-channel FET. When the DRAIN pin volt-
age is less than 1.77V and the GATE pin voltage is above
VZ – 1.2V the power good outputs are asserted after a
delay. The voltage at this pin is internally clamped to 4V.
EN (Pin 26/Pin 19): Device Enable Input. Pull low to enable
the N-channel FET to turn-on after a start-up debounce
delay set by the TMR pin. When this pin is pulled high, the
FET is off. Transitions on this pin will be recorded in the
FAULT register. A high-to-low transition activates the logic
to read the state of the ON pin and clear faults. Requires
external pull-up. Debouncing with an external capacitor
is recommended when used to monitor board present.
Connect to VEE if unused.
Exposed Pad (Pin 25, QFN Only): Exposed Pad may be
left open or connected to device ground (VEE).
FLTIN (Pin 22/NA): General Purpose Fault Input. If this
pin pulls low, the FAULT register bit B7 is latched to “1.”
This pin is used to sense an external fault condition and
its status does not affect the FET control functions of the
LTC4261. Not available on the QFN package. Connect to
INTVCC if unused.
GATE (Pin 15/Pin 10): N-Channel FET Gate Drive Output.
This pin is pulled up by an internal current source IGATE
(11.5µA when the SS pin reaches its clamping voltage).
GATE stays low until VIN and INTVCC cross the UVLO
thresholds, UV and OV conditions are satisified and an
adjustable timer delay expires. During turn-off, caused by
faults or undervoltage lockout (VIN or INTVCC), a 110mA
pull-down current between GATE and VEE is activated.
INTVCC (Pin 7/Pin 4): Low Voltage (5V) Supply Output.
This is the output of the internal linear regulator with an
internal UVLO threshold of 4.25V. This voltage powers up
the data converter and logic control circuitry. Bypass this
pin with a 0.1µF capacitor to VEE.
ON (Pin 2/Pin 23): On Control Input. A rising edge turns
on the external N-channel FET while a falling edge turns it
off. This pin is also used to configure the state of the FET
ON register bit D3 in the CONTROL register (and hence
the external FET) at power-up. For example if the ON pin
is tied high, then the register bit D3 goes high one timer
cycleafterpower-up.Likewise,iftheONpinistiedlow,then
the device remains off after power-up until the register bit
D3 is set high using the I2C bus. A high-to-low transition
on this pin clears faults.
OV (Pin 11/Pin 7): Overvoltage Detection Input. Connect
this pin to an external resistive divider from VEE. If the
voltage at the pin rises above 1.77V, the N-channel FET is
turned off. The overvoltage condition does not affect the
status of the power good outputs. On the QFN package,
this pin is also measured by the on-chip ADC. Connect
to VEE if unused.
PG(Pin27/Pin20):PowerGoodStatusOutput.Thisopen-
drain pin pulls low and stays latched a timer delay after
the FET is on (when GATE reaches VZ – 1.2V and DRAIN
is within 1.77V of VEE). The power good output is reset
in all GATE pull-down events except an overvoltage fault.
Connect to VEE if unused.
PIN FUNCTIONS (SSOP/QFN)


Similar Part No. - LTC4261-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4261 LINER-LTC4261 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4261 AD-LTC4261 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4261-2_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4261 LINER-LTC4261 Datasheet
370Kb / 32P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4261 LINER-LTC4261_15 Datasheet
341Kb / 34P
   Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com