Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4244 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4244
Description  Rugged, CompactPCI Bus Hot Swap Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244 Datasheet(HTML) 1 Page - Linear Technology

  LTC4244_15 Datasheet HTML 1Page - Linear Technology LTC4244_15 Datasheet HTML 2Page - Linear Technology LTC4244_15 Datasheet HTML 3Page - Linear Technology LTC4244_15 Datasheet HTML 4Page - Linear Technology LTC4244_15 Datasheet HTML 5Page - Linear Technology LTC4244_15 Datasheet HTML 6Page - Linear Technology LTC4244_15 Datasheet HTML 7Page - Linear Technology LTC4244_15 Datasheet HTML 8Page - Linear Technology LTC4244_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC4244/LTC4244-1
42441f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
s
Controls –12V, 3.3V, 5V and 12V Supplies
s
±14.4V Absolute Maximum Rating for 12VIN
and –12VIN Input Pins
s
Insensitive to Supply Voltage Transients
s
Adjustable Foldback Current Limit with Circuit Breaker
s
LOCAL_PCI_RST# Logic On-Chip
s
PRECHARGE Output Biases I/O Pins During Card
Insertion and Extraction
s
LTC4244-1 Designed for Applications without –12V
s
Available in 20-Lead Narrow SSOP Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Hot Board Insertion into CompactPCI Bus
The LTC
®4244/LTC4244-1 are Hot SwapTM controllers that
allow a board to be safely inserted into and removed from
a CompactPCI
TM bus slot. External N-channel transistors
control the 5V and 3.3V supplies while on-chip switches
control the
±12V supplies. The 3.3V and 5V supplies can
be ramped up at an adjustable rate. Electronic circuit
breakers protect all four supplies against overcurrent
faults. After the power-up cycle is complete, the TIMER pin
capacitor serves as auxiliary VCC allowing the LTC4244/
LTC4244-1 to function without interruption in the pres-
ence of voltage spikes on the 12VIN supply. The PWRGD
output indicates when all four supplies are within toler-
ance. The OFF/ON pin is used to cycle board power or reset
the circuit breaker. The PRECHARGE output can be used
to bias the bus I/O pins during card insertion and extrac-
tion. PCI_RST# is combined on-chip with HEALTHY# in
order to generate LOCAL_PCI_RST#.
3.3VIN
12VIN
12VOUT
VEEIN
OFF/ON
Z4
5VIN
R4
10
CLOAD(5VOUT)
VOUT
5V
5A
VOUT
3.3V
7A
R5
1k
C1
0.33
µF
R3
10
R1
0.005
R2
0.007
Q1
IRF7457
Q2
IRF7457
3.3VOUT
3.3VSENSE
GND PRECHARGE
5VIN
5VSENSE
DRIVE
R9 24
1V
±10%
Q3
MMBT2222A
C3 4.7nF
VIN
3.3V
4244 F01
LTC4244
GATE
5VOUT
+
CLOAD(3.3VOUT)
+
VOUT
12V
500mA
CLOAD(12VOUT)
+
VEEOUT
TIMER
RESETOUT
I/O #1
I/O #128
VEEOUT
–12V
100mA
VOUT
3.3V
CLOAD(VEEOUT)
C2
0.082
µF
Z3
Z2
Z1
R17
10k
3.3VIN
R22
2.7
C9
0.01
µF PER
POWER PIN
C7
0.01
µF
C8
0.01
µF PER
POWER PIN
R21
1.8
R19 1k
FAULT
PWRGD
RESETIN
R18 10k
R20
1.2k
R16
1
C6
0.01
µF
R8 1k
R7 12
R6
10k
R10 18
R11
10k
R13
10
R14
10
R12
10k
C5
0.01
µF
R15
1
C4
0.01
µF
I/O DATA LINE 1
I/O DATA LINE 128
Z1, Z2: SMAJ12A
Z3, Z4: SMAJ5.0A
I/O PIN 128
RESET#
PCI
BRIDGE
CHIP
I/O PIN 1
GROUND
PCI_RST#
LOCAL_PCI_RST#
HEALTHY#
LONG V(I/O)
BD_SEL#
–12V
12V
LONG 3.3V
LONG 5V
3.3V
5V
Figure 1. Typical Compact PCI Application
Hot Swap is a trademark of Linear Technology Corporation.
CompactPCI is a trademark of the PCI Industrial Computer Manufacturers Group.
Rugged, CompactPCI Bus
Hot Swap Controllers


Similar Part No. - LTC4244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
   Rugged, CompactPCI Bus Hot Swap Controllers
More results

Similar Description - LTC4244_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4244-1 LINER-LTC4244-1_15 Datasheet
354Kb / 28P
   Rugged, CompactPCI Bus Hot Swap Controllers
LTC4244 LINER-LTC4244 Datasheet
333Kb / 28P
   Rugged, CompactPCI Bus Hot Swap Controllers
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com