Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4089-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4089-1
Description  USB Power Manager with High Voltage Switching Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4089-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4089-1_15 Datasheet HTML 2Page - Linear Technology LTC4089-1_15 Datasheet HTML 3Page - Linear Technology LTC4089-1_15 Datasheet HTML 4Page - Linear Technology LTC4089-1_15 Datasheet HTML 5Page - Linear Technology LTC4089-1_15 Datasheet HTML 6Page - Linear Technology LTC4089-1_15 Datasheet HTML 7Page - Linear Technology LTC4089-1_15 Datasheet HTML 8Page - Linear Technology LTC4089-1_15 Datasheet HTML 9Page - Linear Technology LTC4089-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC4089-1
6
40891fa
VIN (V)
5
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
20
30
4089-1 G10
10
15
25
35
MINIMUM
TYPICAL
VIN (V)
5
1.8
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
20
30
4089-1 G11
10
15
25
35
MINIMUM
TYPICAL
SWITCH CURRENT (A)
0
150
450
500
550
0.4
0.8 1.0
4089-1 G12
50
350
250
100
400
0
300
200
0.2
0.6
1.4
1.2
1.6 1.8
TA = 25°C
TA = 85°C
TA = –40°C
TEMPERATURE (°C)
720
760
800
125
4089-1 G13
680
640
700
740
780
660
620
600
–25
–50
25
0
75
100
150
50
HVOUT (V)
0
400
600
5
4089-1 G14
200
0
2
4
1
3
800
300
500
100
700
SHDN PIN VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
2.0
1.4
0.50
1
1.25
4089-1 G15
0.4
1.6
1.8
1.2
0.25
0.75
1.50 1.75
2
DUTY CYCLE (%)
0
1.6
1.8
2.0
80
4089-1 G16
1.4
1.2
1.5
1.7
1.9
1.3
1.1
1.0
20
10
40
30
60 70
90
50
100
TA = –40°C
TA = –5°C
TA = 25°C
TA = 90°C
LOAD CURRENT (mA)
1
5.8
6.0
6.2
6.4
6.6
10
100
1000
4089-1 G17
5.6
5.4
5.2
5.0
6.8
7.0
TO START
TO RUN
TYPICAL PERFORMANCE CHARACTERISTICS
High Voltage Regulator
Maximum Load Current, L = 10μH
High Voltage Regulator
Maximum Load Current, L = 33μH
High Voltage Regulator
Switch Voltage Drop
High Voltage Regulator
Switch Frequency
High Voltage Regulator
Frequency Foldback
High Voltage Regulator
Soft-Start
High Voltage Switch Current Limit
High Voltage Regulator
Typical Minimum Input Voltage
TA = 25°C, unless otherwise specified.


Similar Part No. - LTC4089-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4089-1 LINER-LTC4089-1 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results

Similar Description - LTC4089-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4088-1 LINER-LTC4088-1_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4088-2 LINER-LTC4088-2_15 Datasheet
308Kb / 24P
   High Efficiency Battery Charger/USB Power Manager with Regulated Output Voltage
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4088 LINER-LTC4088_15 Datasheet
311Kb / 24P
   High Efficiency Battery Charger/USB Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com