Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4066-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4066-1
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4066-1_15 Datasheet HTML 7Page - Linear Technology LTC4066-1_15 Datasheet HTML 8Page - Linear Technology LTC4066-1_15 Datasheet HTML 9Page - Linear Technology LTC4066-1_15 Datasheet HTML 10Page - Linear Technology LTC4066-1_15 Datasheet HTML 11Page - Linear Technology LTC4066-1_15 Datasheet HTML 12Page - Linear Technology LTC4066-1_15 Datasheet HTML 13Page - Linear Technology LTC4066-1_15 Datasheet HTML 14Page - Linear Technology LTC4066-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC4066/LTC4066-1
11
4066fc
BLOCK DIAGRAM
SOFT-START
0.25V
SOFT-START2
+
+
+
15
TOOCOLD
NTC
CURRENT LIMIT
TOOHOT
0.1V
NTC ENABLE
VNTC
ACPR
20
WALL
14
NTC
100k
100k
100k
+
+
1.25V
13
HPWR
22
CLPROG
10
CLDIS
23
PROG
CHG
1V
500mA/100mA
CURRENT LIMIT DISABLE
2μA
17
+
+
CURRENT CONTROL
CHARGE CONTROL
CONTROL LOGIC
VOLTAGE DETECT
COUNTER
OSCILLATOR
TA
DIE
TEMP
105°C
ILIM
2.9V
BATTERY
UVLO
4.1V
RECHARGE
(4.0V
LTC4066-1)
UVLO
IN
OUT BAT
CHRG
BAT UV
BAT UV
RECHRG
HOLD
RESET
NTCERR
CLK
+
+
12
11
2μA
SHDN
16
GND
SUSP
24
ISTAT
2k
2μA
100k
25mV
IDEAL
DIODE
OUT
IN
OUT
IN
1,3,8
2,4,5
9
VBUS
BAT
BAT
+
21
TIMER
18
CHRG
STOP
EOC
0.1V
|IBAT|
1000
4066 BD
2μA
1V
CL
ILIM CNTL
ENABLE
CHARGER
CC/CV REGULATOR
ENABLE
CP
POL
19
IIN
1000


Similar Part No. - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066-1 LINER-LTC4066-1 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results

Similar Description - LTC4066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066 Datasheet
312Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com