Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4012-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4012-1
Description  High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC4012-1_15 Datasheet HTML 1Page - Linear Technology LTC4012-1_15 Datasheet HTML 2Page - Linear Technology LTC4012-1_15 Datasheet HTML 3Page - Linear Technology LTC4012-1_15 Datasheet HTML 4Page - Linear Technology LTC4012-1_15 Datasheet HTML 5Page - Linear Technology LTC4012-1_15 Datasheet HTML 6Page - Linear Technology LTC4012-1_15 Datasheet HTML 7Page - Linear Technology LTC4012-1_15 Datasheet HTML 8Page - Linear Technology LTC4012-1_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2

4012fa
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. DCIN = 20V, BAT = 12V, GND = 0V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RIN
SHDN Pull-Down Resistance
40
k
Ω
ICLPS
CLP Shutdown Current
CLP = 12V, DCIN = 0V
SHDN = 0V
l
15
350
26
500
µA
µA
ILEAK-BAT
BAT Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 18V
l
–1.5
0
1.5
µA
ILEAK-CSN
CSN Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1.5
0
1.5
µA
ILEAK-CSP
CSP Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ CSP = CSN = BAT ≤ 20V
l
–1.5
0
1.5
µA
ILEAK-SW
SW Leakage Current
SHDN = 0V or DCIN = 0V,
0V ≤ SW ≤ 20V
l
–1
0
2
µA
INTVDD Regulator
INTVDD
Output Voltage
No Load
l
4.85
5
5.15
V
∆VDD
Load Regulation
IDD = 20mA
–0.4
–1
%
IDD
Short-Circuit Current (Note 5)
INTVDD = 0V
50
85
130
mA
Switching Regulator
IITH
ITH Current
ITH = 1.4V
–40/+90
µA
fTYP
Typical Switching Frequency
467
550
633
kHz
fMIN
Minimum Switching Frequency
CLOAD = 3.3nF
20
25
kHz
DCMAX
Maximum Duty Cycle
CLOAD = 3.3nF
98
99
%
tR-TG
TGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-TG
TGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
50
110
ns
tR-BG
BGATE Rise Time
CLOAD = 3.3nF, 10% – 90%
60
110
ns
tF-BG
BGATE Fall Time
CLOAD = 3.3nF, 90% – 10%
60
110
ns
tNO
TGATE, BGATE Non-Overlap Time
CLOAD = 3.3nF, 10% – 10%
110
ns
PowerPath Control
IDCIN
DCIN Input Current
0V ≤ DCIN ≤ CLP
l
–10
60
µA
VFTO
Forward Turn-On Voltage (DCIN Detection Threshold) DCIN-CLP, DCIN rising
l
15
60
mV
VFR
Forward Regulation Voltage
DCIN-CLP
l
15
25
35
mV
VRTO
Reverse Turn-Off Voltage
DCIN-CLP, DCIN falling
l
–45
–25
–15
mV
VOL(INFET) INFET Output Low Voltage, Relative to CLP
DCIN-CLP = 0.1V, IINFET =1µA
–6.5
–5
V
VOH(INFET) INFET Output High Voltage, Relative to CLP
DCIN-CLP = –0.1V, IINFET =–5µA
–250
250
mV
tIF(ON)
INFET Turn-On Time
To CLP-INFET > 3V, CINFET = 1nF
85
180
µs
tIF(OFF)
INFET Turn-Off Time
To CLP-INFET < 1.5V, CINFET = 1nF
2.5
6
µs
Float Voltage Select Inputs (LTC4012-1/LTC4012-2 Only)
VIL
Input Voltage Low
0.5
V
VIH
Input Voltage High
3.5
V
IIN
Input Current
0V ≤ VIN ≤ 5V
–10
10
µA
Indicator Outputs
VOL
Output Voltage Low
ILOAD = 100µA, PROG = 1.2V
500
mV
ILEAK
Output Leakage
SHDN = 0V, DCDIV = 0V,
VOUT = 20V
l
–10
10
µA
IC10
CHRG C/10 Current Sink
CHRG = 2.5V
l
15
25
38
µA


Similar Part No. - LTC4012-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012-1 LINER-LTC4012-1 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-1 LINER-LTC4012-1 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 48P
   35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
LTC4012-1 AD-LTC4012-1 Datasheet
1Mb / 52P
   35V/3.2A Multicell LiFePO4 Step-Down Battery Charger with PowerPath and I2C Telemetry
More results

Similar Description - LTC4012-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4012 LINER-LTC4012_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3 Datasheet
375Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-3 LINER-LTC4012-3_15 Datasheet
379Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012-2 LINER-LTC4012-2_15 Datasheet
391Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4012 LINER-LTC4012 Datasheet
326Kb / 28P
   High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
   High Efficiency, Multi-Chemistry Battery Charger
LTC4008 LINER-LTC4008 Datasheet
271Kb / 24P
   4A, High Efficiency, Multi-Chemistry Battery Charger
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com