Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN6066SSD-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN6066SSD-13
Description  60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSD-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN6066SSD-13 Datasheet HTML 1Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 2Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 3Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 4Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 5Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 6Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 7Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 8Page - Diodes Incorporated DMN6066SSD-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMN6066SSD
Document Number DS32109 Rev. 4 - 2
4 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN6066SSD
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
60
V
ID = 250µA, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
0.5
µA
VDS= 60V, VGS= 0V
Gate-Source Leakage
IGSS
100
nA
VGS= 20V, VDS= 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
ID= 250µA, VDS= VGS
Static Drain-Source On-Resistance (Note 14)
RDS (ON)
0.048
0.066
VGS= 10V, ID= 4.5A
0.068
0.097
VGS= 4.5V, ID= 3.5A
Forward Transconductance (Notes 14 & 15)
gfs
19.2
S
VDS= 15V, ID= 6A
Diode Forward Voltage (Note 14)
VSD
0.89
1.15
V
IS= 4.5A, VGS= 0V
Reverse recovery time (Note 15)
trr
22.2
ns
IS= 1.9A, di/dt= 100A/µs
Reverse recovery charge (Note 15)
Qrr
16.9
nC
DYNAMIC CHARACTERISTICS (Note 15)
Input Capacitance
Ciss
502
pF
VDS= 30V, VGS= 0V
f= 1MHz
Output Capacitance
Coss
45.7
pF
Reverse Transfer Capacitance
Crss
27.1
pF
Total Gate Charge (Note 16)
Qg

5.4

nC
VGS= 4.5V
VDS= 30V
ID= 4.5A
Total Gate Charge (Note 16)
Qg
10.3
nC
VGS= 10V
Gate-Source Charge (Note 16)
Qgs
1.7
nC
Gate-Drain Charge (Note 16)
Qgd
3.2
nC
Turn-On Delay Time (Note 16)
tD(on)
2.7
ns
VDD= 30V, VGS= 10V
ID= 1A, RG  6.0Ω
Turn-On Rise Time (Note 16)
tr
2.4
ns
Turn-Off Delay Time (Note 16)
tD(off)
14.7
ns
Turn-Off Fall Time (Note 16)
tf
5.4
ns
Notes:
14. Measured under pulsed conditions. Pulse width
 300µs; duty cycle  2%.
15. For design aid only, not subject to production testing.
16. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - DMN6066SSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD-13 DIODES-DMN6066SSD-13 Datasheet
712Kb / 8P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS32109 Rev 1 - 2
More results

Similar Description - DMN6066SSD-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD Datasheet
712Kb / 8P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS32109 Rev 1 - 2
logo
Pan Jit International I...
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Pan Jit International I...
PJQ5866A-AU PANJIT-PJQ5866A-AU Datasheet
477Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
logo
Diodes Incorporated
DMN6040SSD DIODES-DMN6040SSD_15 Datasheet
254Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9830A PANJIT-PJL9830A Datasheet
398Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8 Datasheet
241Kb / 7P
   DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com