Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR15U100CTLQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR15U100CTLQ
Description  SUPER BARRIER RECTIFIER 15A SBR짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR15U100CTLQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR15U100CTLQ_15 Datasheet HTML 1Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 2Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 3Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 4Page - Diodes Incorporated SBR15U100CTLQ_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR15U100CTLQ
Document number: DS36130 Rev. 3 - 2
3 of 5
www.diodes.com
February 2014
© Diodes Incorporated
SBR15U100CTLQ
10
100
1,000
10,000
0.1
1
10
100
Figure 3 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Figure 4 Forward Current Derating Curve
0
5
10
15
20
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Total Device
Based on Case Temperature
Note 6
0
25
50
75
100
125
150
175
0
1020 3040
50 6070
80 90 100
V , DC REVERSE VOLTAGE (V)
Figure 5 Operating Temperature Derating
R
Note 6
50
25
50
75
100 125
150
T , JUNCTION TEMPERATURE (°C)
Figure 6 Pulse Derating Curve
J
0
25
75
175 200
100
125
0
10
100
1,000
10,000
10,000
1,000
100
T , PULSE DURATION (µS)
P
Figure 7 Maximum Avalanche Power Curve, Per Element
100
200
300
400
500
600
700
800
900
0.00001 0.0001 0.001
0.01
0.1
1
t1, PULSE DURATION TIME (sec)
Figure 8 Single Pulse Maximum Power Dissipation
10
0
Single Pulse
R
= 69 C/W
R
= r * R
T - T = P * R
θ
θθ
θ
JA
JA(t)
(t)
JA
JA
JA(t)
°


Similar Part No. - SBR15U100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR15U100CTLQ-13 DIODES-SBR15U100CTLQ-13 Datasheet
527Kb / 6P
   15A SBR SUPER BARRIER RECTIFIER
November 2016
More results

Similar Description - SBR15U100CTLQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR15U100CTL DIODES-SBR15U100CTL_15 Datasheet
77Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5 DIODES-SBR15U30SP5_15 Datasheet
546Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR1U40LP DIODES-SBR1U40LP Datasheet
110Kb / 3P
   1.0A SBR짰 SUPER BARRIER RECTIFIER
DS31108 Rev. 4 - 2
SBR10U100CT DIODES-SBR10U100CT_08 Datasheet
168Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30953 Rev. 5 - 2
SBR12A45SD1 DIODES-SBR12A45SD1 Datasheet
94Kb / 3P
   12A SBR짰 SUPER BARRIER RECTIFIER
DS31452 Rev. 2 - 2
SBR10U300CT DIODES-SBR10U300CT_08 Datasheet
174Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30991 Rev. 5 - 2
SBR30U30CT DIODES-SBR30U30CT Datasheet
270Kb / 3P
   30A SBR짰 Super Barrier Rectifier
SBR30U30 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com