Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR8U20SP5Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR8U20SP5Q
Description  SUPER BARRIER RECTIFIER 8A SBR짰 POWERDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR8U20SP5Q Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR8U20SP5Q_15 Datasheet HTML 1Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 2Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 3Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 4Page - Diodes Incorporated SBR8U20SP5Q_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR8U20SP5Q
SBR and POWERDI are registered trademarks of Diodes Incorporated
.
SBR8U20SP5
Document number: DS36325 Rev.1 - 2
1 of 4
www.diodes.com
June 2013
© Diodes Incorporated
8A SBR
®
SUPER BARRIER RECTIFIER
POWERDI
®5
Product Summary
Description and Applications
This Super Barrier Rectifier (SBR) diode has been designed to meet the
stringent requirements of Automotive Applications. It is ideally suited to
use as:
Polarity Protection Diode
Re-circulating Diode
Switching Diode
Features and Benefits
100% Avalanche Tested.
Patented SBR technology provides a superior avalanche
capability than schottky diodes ensuring more rugged and reliable
end applications.
Reduced Ultra-low forward voltage drop (VF); better efficiency and
cooler operation.
Reduced high temperature reverse leakage; Increased reliability
against thermal runaway failure in high temperature operation
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AECQ101
Mechanical Data
Case: POWERDI
®5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.093 grams (approximate)
POWERDI
®
5
LEFT PIN
RIGHT PIN
BOTTOMSIDE
HEAT SINK
Top View
Bottom View
Note:
Pins Left & Right must
be electrically connected
at the printed circuit board.
Ordering Information (Note 4)
Part Number
Case
Packaging
SBR8U20SP5Q-13
POWERDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
Marking Information
S8U20S
YYWWK
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 13 for 2013)
WW = Week code (01 - 53)
VRRM (V)
IO (A)
VF max(V)@+25°C
IR max (mA)@+25°C
20
8
0.51
0.3
 
Green


Similar Part No. - SBR8U20SP5Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR8U20SP5Q-13 DIODES-SBR8U20SP5Q-13 Datasheet
136Kb / 5P
   8A SBR® SUPER BARRIER RECTIFIER POWERDI®5
June 2013
More results

Similar Description - SBR8U20SP5Q_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR8U60P5 DIODES-SBR8U60P5 Datasheet
78Kb / 4P
   8A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31731 Rev. 3 - 2
SBR8U60P5Q DIODES-SBR8U60P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 8A SBR짰 POWERDI짰5
SBR10U200P5 DIODES-SBR10U200P5 Datasheet
81Kb / 3P
   10.0A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31234 Rev. 4 - 2
SBR15U50SP5 DIODES-SBR15U50SP5_15 Datasheet
210Kb / 5P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR15U30SP5Q DIODES-SBR15U30SP5Q_15 Datasheet
239Kb / 6P
   SUPER BARRIER RECTIFIER 15A SBR짰 POWERDI짰5
SBR1045SP5 DIODES-SBR1045SP5 Datasheet
80Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31370 Rev. 3 - 2
SBR10U45SP5 DIODES-SBR10U45SP5 Datasheet
130Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER PowerDI짰5
DS31371 Rev. 4 - 2
SBR15A30SP5 DIODES-SBR15A30SP5_15 Datasheet
211Kb / 6P
   15A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰5
SBR10U45SP5Q DIODES-SBR10U45SP5Q_15 Datasheet
163Kb / 6P
   SUPER BARRIER RECTIFIER 10A SBR짰 POWERDI짰5
SBR12U100P5Q DIODES-SBR12U100P5Q_15 Datasheet
145Kb / 5P
   SUPER BARRIER RECTIFIER 12A SBR짰 POWERDI짰5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com