Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3879 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3879
Description  Fast, Wide Operating Range No RSENSE Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3879 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3879_15 Datasheet HTML 4Page - Linear Technology LTC3879_15 Datasheet HTML 5Page - Linear Technology LTC3879_15 Datasheet HTML 6Page - Linear Technology LTC3879_15 Datasheet HTML 7Page - Linear Technology LTC3879_15 Datasheet HTML 8Page - Linear Technology LTC3879_15 Datasheet HTML 9Page - Linear Technology LTC3879_15 Datasheet HTML 10Page - Linear Technology LTC3879_15 Datasheet HTML 11Page - Linear Technology LTC3879_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3879
8
3879f
PIN FUNCTIONS
TRACK/SS (Pin 1): External Tracking and Soft-Start Input.
The LTC3879 regulates VFB to the smaller of 0.6V or the
voltage on the TRACK/SS pin. An internal 1μA pull-up
current source is connected to this pin. A capacitor to
ground at this pin sets the ramp time to the final regulated
output voltage. Alternatively, a resistor divider on another
voltage supply connected to this pin allows the output to
track the other supply during start-up.
PGOOD (Pin 2): Power Good Output. This open-drain
logic output is pulled to ground when the output voltage is
outside of a ±10% window around the regulation point.
VRNG (Pin 3): VDS Sense Voltage Range Input. The maxi-
mum allowed bottom MOSFET VDS sense voltage between
SW and PGND is equal to (0.133)VRNG. The voltage applied
to VRNG can be any value between 0.2V and 2V. If VRNG is
tied to SGND, the device operates with a maximum valley
current sense threshold of 30mV typical. If VRNG is tied
to INTVCC, the device operates with a maximum valley
current sense threshold of 75mV typical.
MODE (Pin 4): MODE Input. Connect this pin to INTVCC to
enable discontinuous mode for light load operation. Con-
nect this pin to SGND to force continuous mode operation
in all conditions.
ITH (Pin 5): Current Control Threshold and Error Amplifier
Compensation Point. The current comparator threshold
increases with this control voltage. The voltage ranges
from 0V to 2.4V, with 0.8V corresponding to zero sense
voltage (zero current).
SGND (Pin 6): Signal Ground. All small-signal components
should be connected to SGND. Connect SGND to PGND
using a single PCB trace.
ION (Pin 7): On-Time Current Input. Tie a resistor from
VIN to this pin to set the one-shot timer current and thus
the switching frequency.
VFB (Pin 8): Error Amplifier Feedback Input. This pin con-
nects the error amplifier to an external resistive divider
from VOUT.
RUN (Pin 9): Run Control Input. RUN below 1.5V disables
switching by forcing TG and BG low. RUN less than 1.5V
but greater than 0.7V enables all internal bias including
the INTVCC output. RUN below 0.7V shuts down all bias
and places the LTC3879 into micropower shutdown mode
of approximately 18μA. There is an internal 1.2μA pull-up
current source for operation with an open-collector RUN
signal.
VIN (Pin 10): Main Input Supply. The supply voltage can
range from 4V to 38V. For increased noise immunity de-
couple this pin to PGND with an RC filter.
INTVCC (Pin 11): Internal 5.3V Regulator Output. The
driver and control circuits are powered from this voltage.
Decouple this pin to PGND with a minimum of 1μF, 10V
X5R or X7R ceramic capacitor.
BG (Pin 12): Bottom Gate Drive. This pin drives the gate
of the bottom N-Channel power MOSFET between PGND
and INTVCC.
PGND (Pin 13): Power Ground. Connect this pin as close
as practical to the source of the bottom N-channel power
MOSFET, the (–) terminal of CINTVCC and the (–) terminal
of CVIN.
SW (Pin 14): Switch Node. The (–) terminal of the bootstrap
capacitor, CB, connects to this node. This pin swings from
a diode voltage below ground up to VIN.
TG (Pin 15): Top Gate Drive. This pin drives the gate of the
top N-channel power MOSFET between SW and BOOST.
BOOST (Pin 16): Boosted Floating Driver Supply. The (+)
terminal of the bootstrap capacitor, CB, connects to this
node. This node swings from (INTVCC – VSCHOTTKY) to
VIN + (INTVCC – VSCHOTTKY).
Exposed Pad (Pin 17): The Exposed Pad is SGND and
must be soldered to the PCB.


Similar Part No. - LTC3879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3879 LINER-LTC3879 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3879 LINER-LTC3879 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
More results

Similar Description - LTC3879_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778-1 LINER-LTC1778-1_15 Datasheet
272Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778 Datasheet
297Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC3778 LINER-LTC3778_15 Datasheet
310Kb / 24P
   Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778 Datasheet
303Kb / 24P
   Wide Operating Range, No RSENSE TM Step-Down Controller
REV A
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LT3740 LINER-LT3740 Datasheet
232Kb / 20P
   Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
LTC3717 LINER-LTC3717_15 Datasheet
266Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
LTC3717-1 LINER-LTC3717-1_15 Datasheet
278Kb / 20P
   Wide Operating Range, No RSENSE Step-Down Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com