Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DMP2018LFK Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. DMP2018LFK
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

DMP2018LFK Datasheet(HTML) 5 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMP2018LFK
Document number: DS35357 Rev. 5 - 2
5 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMP2018LFK
0
5
10
15
20
100
1,000
10,000
Fig. 9 Typical Total Capacitance
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
f = 1MHz
C
iss
Crss
C
oss
04
8
12
16
20
1
10
100
1,000
100,000
10,000
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
-V
, DRAIN-SOURCE VOLTAGE (V)
DS
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
020
40
60
80
100
120
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= -16V
I = -7.2A
DS
D
0.1
1
10
100
Fig. 12 Safe Operation Area
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
T
= 150°C
T = 25°C
Single Pulse
J(max)
A
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ
0.001
0.01
0.1
1
10
100
1,000
Fig. 13 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.00001
0.0001
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 61°C/W
θ
θ
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn